Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5138WACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADP5138
Rev. A | Page 15 of 23
Figure 34. Overcurrent Protection (IL1 is Channel 1 Inductor Current)
Figure 35. Load Transient Response of Channel 1 (3.3 V), 0.1 A to 0.9 A
Figure 36. Load Transient Response of Channel 3 (1.25 V), 0.1 A to 0.9 A
Figure 37. Load Transient Response of Channel 5 (1.8 V), 0 A to 0.2 A
Figure 38. Load Transient Response of Channel 2 (1.0 V), 0.1 A to 0.9 A
Figure 39. Load Transient Response of Channel 4 (1.35 V), 0.1 A to 0.9 A
T
CH1 2.00V BW
CH4 1.00A Ω BW
CH2 2.00V
400ns
T 49.60%
CH2
2.72V
VOUT1
IL1
SW1
1
4
2
1
4
T
CH1 50.0mV
B
W
CH4 500mA Ω BW
CH4
650mA
200µs
T 20.20%
VOUT1 (AC)
IOUT1
1
4
T
CH1 50.0mV
B
W
CH4 500mA Ω BW
CH4
640mA
200µs
T 20.00%
VOUT3 (AC)
IOUT3
1
4
T
CH1 20.0mV
B
W
CH4 100mA Ω BW
CH4
60.0mA
200µs
T 20.00%
VOUT5 (AC)
IOUT5
1
4
T
CH1 50.0mV
B
W
CH4 500mA Ω BW
CH4
640mA
200µs
T 20.00%
VOUT2 (AC)
IOUT2
1
4
T
CH1 50.0mV
B
W
CH4 500mA Ω BW
CH4
640mA
200µs
T 20.00%
VOUT4 (AC)
IOUT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com