Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5138WACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADP5138
Data Sheet
Rev. A | Page 10 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VAVIN = VPVIN1 = VPVIN2 = VPVIN3 = VPVIN4 = VPVIN5 = 5.0 V, fSW = 3.2 MHz, unless otherwise noted. VOUTx is the output voltage on
a single channel.
Figure 4. Efficiency vs. Output Current at VPVINx = 5 V, fSW = 3.2 MHz
Figure 5. Shutdown Current vs. Temperature
Figure 6. AVIN UVM Threshold vs. Temperature
Figure 7. Quiescent Current vs. Temperature
Figure 8. AVIN UVLO Threshold vs. Temperature
Figure 9. AVIN OVLO Threshold vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
OUTPUT CURRENT (A)
VOUT1 = 3.3V
VOUT2 = 1.0V
VOUT3 = 1.25V
VOUT4 = 1.35V
0
500
1000
1500
2000
2500
3000
3500
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
VPVINx = 3V
VPVINx = 5V
VPVINx = 5.5V
4.36
4.32
4.28
4.24
4.20
4.16
4.12
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VPVINx = 3V
VPVINx = 5V
VPVINx = 5.5V
3.00
2.95
2.90
2.85
2.80
2.75
2.70
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
5.88
5.84
5.80
5.76
5.72
5.68
5.64
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com