Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5138WACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADP5138
Data Sheet
Rev. A | Page 16 of 23
Figure 40. Line Transient Response of Channel 1 (3.3 V), PVIN1 from 4.5 V
to 5.5 V, 1 A Load Current
Figure 41. Line Transient Response of Channel 3 (1.25 V), PVIN3 from 4.5 V
to 5.5 V, 1 A Load Current
Figure 42. Line Transient Response of Channel 5 (1.8 V), PVIN5 from 4.5 V
to 5.5 V, 250 mA Load Current
Figure 43. Line Transient Response of Channel 2 (1.0 V), PVIN2 from 4.5 V
to 5.5 V, 1 A Load Current
Figure 44. Line Transient Response of Channel 4 (1.35 V), PVIN4 from 4.5 V
to 5.5 V, 1 A Load Current
CH1 20.0mV
B
W
B
W
CH3 1.00V
2.00ms
CH3
5.20V
3
1
T 20.00%
T
PVIN1
VOUT1 (AC)
CH1 20.0mV
B
W
B
W
CH3 1.00V
2.00ms
CH3
5.20V
3
1
T 20.00%
T
PVIN3
VOUT3 (AC)
CH1 10.0mV
B
W
B
W
CH3 1.00V
2.00ms
CH3
5.20V
3
1
T
20.00%
T
PVIN5
VOUT5 (AC)
CH1 10.0mV
B
W
B
W
CH3 1.00V
2.00ms
CH3
5.20V
3
1
T
20.00%
T
PVIN2
VOUT2 (AC)
CH1 10.0mV
B
W
B
W
CH3 1.00V
2.00ms
CH3
5.22V
3
1
T
20.00%
T
PVIN4
VOUT4 (AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com