Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5138WACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADP5138
Data Sheet
Rev. A | Page 6 of 23
LDO REGULATOR SPECIFICATIONS
VAVIN = 5.0 V, VPVIN5 = (output voltage of Channel 5 (VOUT5) + 0.5 V) or 3 V (whichever is greater), input capacitance of Channel 5 (CIN5) =
output capacitance of Channel 5 (COUT5) = 1 μF, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for
typical specifications, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENT
Operating Quiescent Current
IQ_LDO5
IOUT5 = 0 µA, VOUT5 = 1.8 V
58
100
µA
IOUT5 = 100 mA, VOUT5 = 1.8 V
146
300
µA
Output Current
IOUT5
VPVIN5 ≥ 3 V
250
mA
1.7 V ≤ VPVIN5 < 3 V
100
mA
Current Limit
VOUT5 drops 5% from nominal voltage
300
400
mA
FEEDBACK
FB5 Regulation Voltage
VFB5
Adjustable version
0.788
0.8
0.812
V
Fixed Output Voltage Accuracy
VOUT5
IOUT5 = 10 mA, TJ = 25°C
−1
+1
%
1 mA < IOUT5 < 250 mA
−2
+2
%
REGULATION
Load Regulation
IOUT5 from 1 mA to 250 mA
0.002
0.005
%/mA
Line Regulation
IOUT5 = 10 mA
−0.1
+0.1
%/V
DROPOUT VOLTAGE1
VDROPOUT5
VOUT5 = 3.3 V, IOUT5 = 250 mA
173
mV
VOUT5 = 1.8 V, IOUT5 = 100 mA
132
mV
OUTPUT DISCHARGE RESISTANCE
RDISCHARGE5
83
120
Ω
SOFT START TIME
tSS5
VOUT5 = 1.8 V, IOUT5 = 250 mA
420
570
720
µs
OUTPUT NOISE2
OUTNOISE5
10 Hz to 100 kHz, VPVIN5 = 5 V, VOUT5 = 1.8 V, IOUT5 =
250 mA, adjustable output option
20
µV rms
POWER SUPPLY REJECTION RATIO2
PSRRLDO5
1 kHz, VPVIN5 = 5 V, VOUT5 = 1.8 V, IOUT5 = 250 mA,
adjustable output option
55
dB
1
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage.
2
Bench characterization result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com