Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5138WACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADP5138
Rev. A | Page 17 of 23
THEORY OF OPERATION
The ADP5138 is a power management IC that integrates four
buck regulators and one low noise LDO in a 28-lead LFCSP
package. The device can operate with a PVINx input voltage
from 3 V to 5.5 V and can regulate the output voltage down to
0.8 V or set by factory. It provides input UVLO, OVLO, and
UVM features. The ADP5138 also monitors the output voltage
and provides the POR output.
CONTROL SCHEME
The ADP5138 uses a fixed frequency, peak current mode,
PWM control architecture. At the start of each oscillator cycle,
the high-side field effect transistor (FET) turns on, placing a
positive voltage across the inductor. The inductor current
increases until the current sense signal crosses the peak
inductor current threshold that turns off the high-side FET and
turns on the low-side FET, which, in turn, places a negative
voltage across the inductor, causing the inductor current to reduce.
The low-side FET stays on for the remainder of the cycle.
PRECISION ENABLE AND SHUTDOWN
The ADP5138 has five independent enable pins (ENx) for each
channel. The ENx pins are precision analog inputs that enable
the regulator when the voltage on ENx exceeds 1.2 V (typical).
When the ENx voltage falls below 1.1 V (typical), the regulator
turns off. An internal pull-down resistor (1 MΩ) prevents the
regulator from being accidentally enabled if ENx is left floating.
To force the ADP5138 to automatically start when the input
power is applied, connect ENx to PVINx.
OSCILLATOR AND PHASE SHIFT
The buck regulators in the ADP5138 run at a 3.2 MHz fixed
switching frequency. For Channel 2 to Channel 4, the phase
shift with respect to Channel 1 is set to 90°, which reduces the
input ripple current and the input capacitance, thereby helping
to lower system EMI.
Figure 45. Even Phase Shift Between Channel 1 and Channel 4
SYNCHRONIZATION
To synchronize the ADP5138, connect an external clock to the
SYNC pin. The external clock frequency can be in the 2.8 MHz
to 3.5 MHz range. During synchronization, Channel 1 runs in
phase with the external clock.
If the synchronization function is not used, connect the SYNC pin
to ground.
INPUT OVERVOLTAGE LOCKOUT (OVLO)
The ADP5138 integrates an input overvoltage lockout circuit on
the input supply. When the input voltage, VAVIN, exceeds 5.8 V
(typical), an OVLO event is detected, all the regulators are
turned off, and the POR is pulled down to ground. When the
input voltage falls back to 5.72 V (typical) or less, the OVLO
releases and a soft start reinitializes.
INPUT UNDERVOLTAGE MONITOR (UVM)
The ADP5138 integrates an input undervoltage monitoring
circuit on the input supply. When the input voltage, VAVIN, drops
below 4.2 V (typical), the POR pin pulls down to ground while
the device still works until the input voltage drops down to the
input voltage UVLO threshold. When the input voltage exceeds
4.28 V (typical), the POR pin pulls high after a POR rising delay
time, tPOR_DELAY_R, if all other conditions are met.
INPUT UNDERVOLTAGE LOCKOUT (UVLO)
The ADP5138 integrates an input undervoltage lockout circuit
on the input supply. When the input voltage, VAVIN, drops below
2.8 V (typical), an input UVLO event is detected, all the regulators
turn off, and the POR pin pulls down to ground. When the
input voltage recovers from the UVLO event and the input
voltage exceeds 2.9 V (typical), a soft start reinitializes.
OUTPUT VOLTAGE POWER-GOOD
Each of the five regulators integrates an output voltage power-
good monitoring circuit.
When the output voltage drops below the undervoltage falling
threshold (93% of the nominal output voltage), an output under-
voltage event is detected, and the power-good signal becomes
low. When the output voltage rises above the undervoltage
rising threshold (95% of the nominal output voltage), the
power-good signal becomes high.
When the output voltage exceeds the overvoltage rising
threshold (110% of the nominal output voltage), an output
overvoltage event is detected. During the output overvoltage,
the corresponding regulator stops switching, and the power-
good signal becomes low. When the output voltage drops below
the overvoltage falling threshold (108% of the nominal output
voltage), the corresponding regulator recovers to normal
operation, and the power-good signal becomes high.
SW1
SW2
SW3
SW4
90°
90°
90°
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com