Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5138WACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5138WACPZ-1-R7
Description  Quad, 1 A, 5.5 V, Synchronous Step-Down Regulators with One RF LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5138WACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5138WACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5138WACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Quad, 1 A, 5.5 V, Synchronous Step-Down
Regulators with One RF LDO Regulator
Data Sheet
ADP5138
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PVINx voltage range: 3 V to 5.5 V
Continuous output current
Channel 1 to Channel 4 (buck): 1 A
Channel 5 (LDO): 250 mA
3.2 MHz fixed PWM switching frequency
Synchronization input function
Buck regulators run at 90° out of phase
Individual precision enable input
Power-on reset output
Integrated compensation
Soft start and power-up sequencing reduce inrush current
Active output discharge switch function
Stable with low ESR output ceramic capacitors
OVLO, UVM, and UVLO
TSD protection
Qualified for automotive applications
APPLICATIONS
Automotive
Industrial and instrumentation
DC to dc point of load applications
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADP5138 integrates four high performance synchronous
step-down regulators and one low noise radio frequency (RF)
low dropout (LDO) regulator. The device runs from PVINx
input voltages of 3 V to 5.5 V. The output voltage of each
channel is factory set or can be programmed down to 0.8 V
with a resistor. Each step-down regulator can provide up to 1 A
of continuous output current and the LDO can provide 250 mA
of output current.
The ADP5138 runs at the fixed PWM switching frequency,
3.2 MHz, or can be synchronized to the external clock from
2.8 MHz to 3.5 MHz, which is outside the amplitude
modulation (AM) band. The four buck regulators run at 90°
out of phase to reduce the input ripple current and the input
capacitor size, thereby helping to lower system electromagnetic
interference (EMI).
The ADP5138 integrates internal compensation to simplify
the design. The internal soft start circuitry and power-up
sequencing help reduce the input inrush current.
The ADP5138 monitors the input voltage and provides input
overvoltage lockout (OVLO), undervoltage monitor (UVM),
and undervoltage lockout (UVLO) features. It also monitors the
undervoltage and overvoltage of the outputs. The power-on
reset (POR) signal is asserted when the input or output voltage
fault occurs.
Additional protection includes overcurrent protection (OCP)
and thermal shutdown (TSD).
The ADP5138 operates over the −40°C to +125°C operating
temperature range (junction), and is available in a 28-lead
LFCSP package.
RTOP2
RBOT2
RTOP3
RBOT3
PVIN1
EN1
SW1
FB1
PGND1
SW2
FB2
PGND2
SW3
FB3
PGND3
L3
SW4
FB4
L4
PGND4
PVIN2
EN2
PVIN3
EN3
PVIN4
EN4
PVIN5
EN5
VOUT5
AVIN
POR
VOUT1
POR
RPOR
VOUT5 = 1.8V
VOUT4 = 1.35V
VOUT3 = 1.25V
VOUT2 = 1.0V
FB5
GND
SYNC
CAVIN
VIN = 5V ± 10%
CIN1
CIN2
CIN3
CIN4
CIN5
COUT5
RTOP5
RBOT5
COUT4
COUT3
COUT2
COUT1
ADP5138
L2
VOUT1 = 3.3V
L1


Similar Part No. - ADP5138WACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5133 AD-ADP5133 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5134 AD-ADP5134 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5135 AD-ADP5135 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5135ACPZ-R7 AD-ADP5135ACPZ-R7 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5135CP-EVALZ AD-ADP5135CP-EVALZ Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
More results

Similar Description - ADP5138WACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3448 LINER-LTC3448 Datasheet
277Kb / 20P
1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
logo
Intersil Corporation
ISL88550A INTERSIL-ISL88550A Datasheet
789Kb / 25P
Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
April 23, 2008
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
logo
Linear Technology
LTC3544 LINER-LTC3544_15 Datasheet
298Kb / 16P
Quad Synchronous Step-Down Regulator
LTC3544B LINER-LTC3544B_15 Datasheet
298Kb / 18P
Quad Synchronous Step-Down Regulator
LTC3448 LINER-LTC3448_15 Datasheet
283Kb / 20P
1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
logo
Texas Instruments
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
logo
Linear Technology
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Renesas Technology Corp
ISL88550A RENESAS-ISL88550A Datasheet
1Mb / 25P
Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com