Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 8 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 8 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 4Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 5Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 6Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 7Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2. Intel FPGA Download Cable II Specifications
2.1. Voltage Requirements
The download cable V
CC(TRGT) pin must be connected to a specific voltage for the
device being programmed. Connect pull-up resistors to the same power supply as the
download cable: V
CC(TRGT).
Table 2.
Intel FPGA Download Cable II VCC(TRGT) Pin Voltage Requirements
Device Family
Intel FPGA Download Cable II VCC Voltage Required
Arria GX
As specified by VCCSEL
Arria II GX
As specified by VCCPD or VCCIO of Bank 8C
Arria V
As specified by VCCPD Bank 3A
Arria 10
As specified by VCCPGM or VCCIO
Cyclone III
As specified by VCCA or VCCIO
Cyclone IV
As specified by VCCIO. Bank 9 for Cyclone IV GX and Bank 1 for
Cyclone IV E devices.
Cyclone V
As specified by VCCPD Bank 3A
EPC4, EPC8, EPC16
3.3 V
EPCS1, EPCS4, EPCS16, EPCS64, EPCS128
3.3 V
EPCS/Q16, EPCS/Q64, EPCS/Q128, EPCQ256,
EPCQ512
3.3 V
EPCQ-L
1.8 V
MAX II, MAX V
As specified by VCCIO of Bank 1
MAX 10
As specified by VCCIO
Stratix II, Stratix II GX
As specified by VCCSEL
Stratix III, Stratix IV
As specified by VCCPGM or VCCPD
Stratix V
As specified by VCCPD Bank 3A
2.2. Cable-to-Board Connection
A standard USB cable connects to the USB port on the device.
UG-01150 | 2018.04.19
Send Feedback
Intel Corporation. All rights reserved. Intel, the Intel logo, Altera, Arria, Cyclone, Enpirion, MAX, Nios, Quartus
and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or other
countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com