Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 3 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 3 Page - Intel Corporation

  PL-USB2-BLASTER Datasheet HTML 1Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 2Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 3Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 4Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 5Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 6Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 7Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1. Setting Up the Intel FPGA Download Cable II
Attention:
The download cable has changed name to Intel® FPGA download cable II. Some file
names may still refer to USB-Blaster II.
The Intel FPGA download cable II interfaces a USB port on a host computer to an Intel
FPGA mounted on a printed circuit board. The download cable sends data from the PC
to a standard 10-pin header connected to the FPGA. You can use the cable for the
following:
•
Iteratively download configuration data to a system during prototyping
•
Program data into the system during production
•
Advanced Encryption Standard (AES) key and fuse programming
1.1. Supported Devices and Systems
You can use the cable to download configuration data to the following devices:
•
Stratix® series FPGAs
•
Cyclone® series FPGAs
•
MAX® series CPLDs
•
Arria® series FPGAs
You can perform in-system programming of the following devices:
•
EPC4, EPC8, and EPC16 enhanced configuration devices
•
EPCS1, EPCS4, EPCS16, EPCS64, and EPCS/Q128, EPCQ256, EPCQ-L and
EPCQ512 serial configuration devices
The cable supports target systems using the following:
•
5.0-V TTL, 3.3-V LVTTL/LVCMOS
•
Single-ended I/O standards from 1.5 V to 3.3 V
1.2. Power Source Requirements
•
5.0 V from the cable
•
Between 1.5 V and 5.0 V from the target circuit board
UG-01150 | 2018.04.19
Send Feedback
Intel Corporation. All rights reserved. Intel, the Intel logo, Altera, Arria, Cyclone, Enpirion, MAX, Nios, Quartus
and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or other
countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com