Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 14 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 14 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 13Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 14Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 15Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 16Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Symbol
Parameter
Min
Max
Unit
tJPSU_TDI
JTAG port setup time
(TDI)
—
24.42
ns
tJPSU_TMS
JTAG port setup time
(TMS)
—
26.43
ns
tJPH
JTAG port hold time
—
17.25
ns
The simulated timing is based on a slow timing model, which is a worst-case scenario
environment.
For device-specific JTAG timing information, refer to the related device data sheet.
Figure 7.
Intel FPGA Download Cable II Timing Constraints
MAX
Device
Target Board
FPGA
11.575 ns
11.627 ns
JTAG Cable
JTAG
Header
Your Own
Measurement
Set Input
Delay
Board Traces
Launch/Latch
Registers
Launch/Latch
Registers
Intel FPGA Download
Cable II
If you cannot meet 24 MHz, you must decrease the frequencies to 16-6 MHz. Below is
some example code to set the TCK maximum frequency to 6 MHz:
jtagconfig --setparam 1 JtagClock 6M
Related Information
•
Changing the TCK Frequency on page 14
•
Documentation: Data Sheets
2.8. Changing the TCK Frequency
The download cable has a default TCK frequency of 24 MHz. Where signal integrity
and timing prevents operating at 24 MHz, change the TCK frequency of the download
cable:
1. Open the command line interface with the Intel Quartus Prime bin directory in
your path (for example, C:\<Intel Quartus Prime installed folder>
\<Intel Quartus Prime version>\quartus\bin64
).
2. Type the following command to change the TCK frequency:
jtagconfig --setparam <cable number> JtagClock <frequency><unit prefix>
Where:
2. Intel FPGA Download Cable II Specifications
UG-01150 | 2018.04.19
Intel FPGA Download Cable II User Guide
Send Feedback
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com