Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 16 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 16 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 13Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 14Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 15Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 16Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
A. Additional Information
A.1. Document Revision History
Document
Version
Changes
2018.04.19
Updated 10-Pin Female Plug Signal Names and Programming Modes on page 10
Table 8.
Intel FPGA Download Cable II User Guide Revision History
Date
Version
Changes
October 2016
2016.10.28
The name USB-Blaster II has changed to Intel FPGA Download Cable II.
December 2015
2015.12.11
Updated Sections:
• Supported Devices and Systems
• Setting Up the USB-Blaster II Hardware with the Quartus II Software
• Voltage Requirements
• 10-Pin Female Plug Signal Names and Programming Modes
September 2014
1.2
• Added that the USB-II download cable supports Advanced Encryption
Standard (AES) key and fuse programming.
• Added magenta LED color to Figure 1-1 supporting multiple cable use.
• Clarified a cross reference pointing to device-specific JTAG timing
information.
June 2014
1.1
• Added LED color table to Figure 1-1.
• Added “JTAG Timing Constraints and Waveforms” section.
• Added “Changing the TCK Frequency” section.
January 2014
1.0
Initial release.
UG-01150 | 2018.04.19
Send Feedback
Intel Corporation. All rights reserved. Intel, the Intel logo, Altera, Arria, Cyclone, Enpirion, MAX, Nios, Quartus
and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or other
countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com