Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 10 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 10 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 6Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 7Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 13Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Figure 4.
Intel FPGA Download Cable II Dimension - Inches and Millimeters
2.4. 10-Pin Female Plug Signal Names and Programming Modes
Table 3.
10-Pin II Female Plug Signal Names and Programming Modes
Pin
Active Serial (AS) Mode
Passive Serial (PS) Mode
JTAG Mode
Signal Name
Description
Signal Name
Description
Signal Name
Description
1
DCLK
Configuration
Clock
DCLK
Configuration
Clock
TCK
Test Clock
2
GND
Signal ground
GND
Signal ground
GND
Signal ground
3
CONF_DONE
Configuration
done
CONF_DONE
Configuration
done
TDO
Test Data
Output
4
VCC(TRGT)
Target power
supply
VCC(TRGT)
Target power
supply
VCC(TRGT)
Target power
supply
5
nCONFIG
Configuration
control
nCONFIG
Configuration
control
TMS
Test Mode
Select Input
6
nCE
Target chip
enable
-
-
PROC_RST
Processor
Reset
7
DATAOUT
Active serial
data out
nSTATUS
Configuration
Status
-
-
8
nCS
Serial
configuration
device chip
select
nCS
Serial
configuration
device chip
select
-
-
9
ASDI
Active serial
data in
DATA0
Passive serial
data in
TDI
Test Data Input
10
GND
Signal ground
GND
Signal ground
GND
Signal ground
2. Intel FPGA Download Cable II Specifications
UG-01150 | 2018.04.19
Intel FPGA Download Cable II User Guide
Send Feedback
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com