Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 11 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 11 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 7Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 13Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 14Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Note:
Use pin 6 for hard processor reset under JTAG mode.
Note:
The following note below only applies to Intel Arria 10 and earlier SoC devices.
PROC_RST is not used for Intel Stratix 10 SoC devices.
In JTAG mode, the PROC_RST pin can be used to trigger warm reset of the HPS block
when prompted via the ARM DS-5 debugger. PROC_RST is an active low signal and not
an open collector pin. As such, it is not recommended to connect PROC_RST to
HPS_nRST
directly. You should instead connect this pin to a secondary device such as
the MAX V CPLD, and use the device to manage the reset network for HPS.
2.5. Circuit Board Header Connection
The 10-pin male header, which connects to the download cable's 10-pin female plug,
has two rows of five pins. The pins are connected to the device’s programming or
configuration pins.
Caution:
If the header connection on the circuit board is a male receptacle, it must have a key
notch. Without a key notch, the 10-pin female plug will not connect. The following
figure shows a typical 10-pin male header with a key notch.
Figure 5.
10-Pin Male Header Dimensions - Inches and Millimeters
0.025 (0.635) Sq.
0.235 (5.969)
0.100
Side View
0.100(2.540)
Top View
A key notch is required.
Although a 10-pin surface mount header can be used for the cable, Intel recommends
using a through-hole connector. Through-hole connectors hold up better under the
repeated insertion and removal.
2.6. Operating Conditions
The following tables summarize the maximum ratings, recommended operating
conditions, and DC operating conditions for the download cable.
Table 4.
Intel FPGA Download Cable II Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(TRGT)
Target supply voltage
With respect to ground
–0.5
6.5
V
VCC(USB)
USB supply voltage
With respect to ground
–0.5
6.0
V
continued...
2. Intel FPGA Download Cable II Specifications
UG-01150 | 2018.04.19
Send Feedback
Intel FPGA Download Cable II User Guide
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com