Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 15 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 15 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 13Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 14Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 15Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 16Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
•
<cable number>
is the download cable to be modified.
•
<frequency>
is the desired TCK frequency. Use one the following supported
rates:
— 24 MHz
— 16 MHz
— 6 MHz
— 24/n MHz (between 10 kHz and 6 MHz, where n represents an integer value
number)
•
<unit prefix>
is the unit prefix for the frequency (e.g., M for MHz).
Example for setting TCK maximum frequency to 6 MHz:
jtagconfig --setparam 1 JtagClock 6M
2. Intel FPGA Download Cable II Specifications
UG-01150 | 2018.04.19
Send Feedback
Intel FPGA Download Cable II User Guide
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com