Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB2-BLASTER Datasheet(PDF) 12 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 12 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 13Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 14Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 15Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Symbol
Parameter
Conditions
Min
Max
Unit
II
Target side input current
Pin 7
–100.0
100.0
mA
II(USB)
USB supply current
VBUS
–
200.0
mA
Io
Target side output current
Pins: 1, 5, 6, 8, 9
–50.0
50.0
mA
Table 5.
Intel FPGA Download Cable II Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(TRGT)
Target supply voltage, 5.0-V
operation
—
4.75
5.25
V
Target supply voltage, 3.3-V
operation
—
3.0
3.6
V
Target supply voltage, 2.5-V
operation
—
2.375
2.625
V
Target supply voltage, 1.8-V
operation
—
1.71
1.89
V
Target supply voltage, 1.5-V
operation
—
1.43
1.57
V
Table 6.
Intel FPGA Download Cable II DC Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input voltage
VCC(TRGT) >= 2.0 V
0.7 x
VCC(TRGT)
—
V
High-level input voltage
VCC(TRGT) < 2.0 V
0.65 x
VCC(TRGT)
—
V
VIL
Low-level input voltage
VCC(TRGT) >= 2.0 V
—
0.3 x
VCC(TRG
T)
V
Low-level input voltage
VCC(TRGT) >= 2.0 V
—
0.2 x
VCC(TRG
T)
V
VOH
5.0-V high-level output voltage
VCC(TRGT) = 4.5 V, IOH = -32 mA
3.8
—
V
3.3-V high-level output voltage
VCC(TRGT) = 3.0 V, IOH = -24 mA
2.4
—
V
2.5-V high-level output voltage
VCC(TRGT) = 2.3 V, IOH = -12 mA
1.9
—
V
1.8-V high-level output voltage
VCC(TRGT) = 1.65 V, IOH = -8 mA
1.2
—
V
1.5-V high-level output voltage
VCC(TRGT) = 1.4 V, IOH = -6 mA
1.0
—
V
VOL
5.0-V low-level output voltage
VCC(TRGT) = 4.5 V, IOL = 32 mA
—
0.55
V
3.3-V low-level output voltage
VCC(TRGT) = 3.0 V, IOL = 24 mA
—
0.55
V
2.5-V low-level output voltage
VCC(TRGT) = 2.3 V, IOL = 12mA
—
0.3
V
1.8-V low-level output voltage
VCC(TRGT) = 1.65 V, IOL = 8mA
—
0.45
V
1.5-V low-level output voltage
VCC(TRGT) = 1.4 V, IOL = 6mA
—
0.3
V
ICC(TRGT)
Operating current (No Load)
VCC(TRGT)=5.5 V
—
316
uA
2. Intel FPGA Download Cable II Specifications
UG-01150 | 2018.04.19
Intel FPGA Download Cable II User Guide
Send Feedback
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com