Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 23Page - Texas Instruments DLPC4430ZPC Datasheet HTML 24Page - Texas Instruments DLPC4430ZPC Datasheet HTML 25Page - Texas Instruments DLPC4430ZPC Datasheet HTML 26Page - Texas Instruments DLPC4430ZPC Datasheet HTML 27Page - Texas Instruments DLPC4430ZPC Datasheet HTML 28Page - Texas Instruments DLPC4430ZPC Datasheet HTML 29Page - Texas Instruments DLPC4430ZPC Datasheet HTML 30Page - Texas Instruments DLPC4430ZPC Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
• The PLL feeding the LVDS DMD I/F (PLLD) defaults to its power-down mode and all derived clocks
are inactive with corresponding resets asserted (The ARM9 is responsible for enabling these clocks and
releasing associated resets).
• LVDS I/O defaults to its power-down mode with outputs tri-stated.
• All resets output by the DLPC4430 device remain asserted until released by the ARM9. (after boot-up)
• The ARM9 processor boots-up from external flash.
When the ARM9 boots-up, the ARM9 API:
• Configures the programmable DDR Clock Generator (DCG) clock rates (i.e. the DMD LVDS I/F rate)
• Enables the DCG PLL (PLLD) while holding divider logic in reset
• When the DCG PLL locks, ARM9 software sets DMD clock rates
• API software then releases DCG divider logic resets, which in turn, enable all derived DCG clocks
• Release external resets
Application software then typically waits for a wake-up command (through the soft power switch on the projector)
from the end user. When the projector is requested to wake-up, the software places the ASIC back in normal
mode, re-initialize clocks, and resets as required.
7.3.2 Spread Spectrum Clock Generator Support
The DLPC4430 controller supports limited, internally-controlled, spread spectrum clock spreading on the DMD
interface. The purpose of this is to frequency spread all signals on this high-speed, external interface to
reduce EMI emissions. Clock spreading is limited to triangular waveforms. The DLPC4430 controller provides
modulation options of 0%, +/-0.5% and +/-1.0% (center-spread modulation).
7.3.3 GPIO Interface
The DLPC4430 controller provides 83 software-programmable, general-purpose I/O pins. Each GPIO pin is
individually configurable as either input or output. In addition, each GPIO output can be either configured
as push-pull or open-drain. Some GPIO have one or more alternate-use modes, which are also software
configurable. The reset default for all GPIO is as an input signal. However, any alternate function connected
to these GPIO pins, with the exception of general purpose clocks and PWM generation, stay in reset. When
configured as open-drain, the outputs must be externally pulled-up (to the 3.3V supply). External pull-up or
pull-down resistors may be required to ensure stable operation before software is able to configure these ports.
7.3.4 Source Input Blanking
Vertical and horizontal blanking requirements for both input ports are defined as follows (See Video Timing
Parameter Definitions).
• Minimum port 1 and port 2 vertical blanking
– Vertical back porch (VBP): 370 µs
– Vertical front porch (VFP): 1 line
– Total vertical blanking (TVB): 370 µs + 2 lines
• Minimum port1 and port 2 horizontal blanking
– Horizontal back porch (HBP): 10 pixels
– Horizontal front porch (HFP): 0 pixels
– Total horizontal blanking (THB): 80 pixels
7.3.5 Video Graphics Processing Delay
The DLPC4430 controller introduces a variable number of field/ frame delays dependent on the source type and
selected processing steps performed on the source. For optimum audio/ video synchronization this delay must
be matched in the audio path. The following tables define various video delay scenarios to aid in audio matching.
Frame and Fields in table refer to source frames and fields.
• For 2-D sources, “N” is defined to be the ratio of the primary channel source frame rate (or field rate for
interlaced video) to the display frame/ field rate.
• For 3-D sources, “M” is defined to be the ratio of the primary channel source frame rate (or field rate for
interlaced video) required to obtain both the left and right image, to the display frame/field rate (The rate at
which each eye is displayed).
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com