Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 38 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 34Page - Texas Instruments DLPC4430ZPC Datasheet HTML 35Page - Texas Instruments DLPC4430ZPC Datasheet HTML 36Page - Texas Instruments DLPC4430ZPC Datasheet HTML 37Page - Texas Instruments DLPC4430ZPC Datasheet HTML 38Page - Texas Instruments DLPC4430ZPC Datasheet HTML 39Page - Texas Instruments DLPC4430ZPC Datasheet HTML 40Page - Texas Instruments DLPC4430ZPC Datasheet HTML 41Page - Texas Instruments DLPC4430ZPC Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
10.1.2 PCB Layout Guidelines for Auto-Lock Performance
One of the most important factors in getting good performance from Auto-Lock is to design the PCB with the
highest signal integrity possible by following the recommendations below:
• Place the ADC chip as close to the VESA/Video connectors as possible.
• Avoid crosstalk to the analog signals by keeping them away from digital signals
• Do not place the digital ground or power planes under the analog area between the VESA connector to the
ADC chip.
• Avoid crosstalk onto the RGB analog signals, by separating them from the VESA Hsync and Vsync signals.
• Analog power must not be shared with the digital power directly.
• Try to keep the trace lengths of the RGB as equal as possible.
• Use good quality (1%) termination resistors for the RGB inputs to the ADC
• If the green channel must be connected to more than the ADC green input and ADC sync-on-green input,
provide a good quality high impendence buffer to avoid adding noise to the green channel.
10.1.3 DMD Interface Considerations
High speed interface waveform quality and timing on the DLPC4430 controller (i.e. the LVDS DMD Interface)
is dependent on the total length of the interconnect system, the spacing between traces, the characteristic
impedance, etch losses, and how well matched the lengths are across the interface. Thus ensuring positive
timing margin requires attention to many factors.
As an example, DMD Interface system timing margin can be calculated as follows:
• Setup Margin = (DLPC4430 output setup) – (DMD input setup) – (PCB routing mismatch) – (PCB SI
degradation)
• Hold-time Margin = (DLPC4430 output hold) – (DMD input hold) – (PCB routing mismatch) – (PCB SI
degradation)
Where PCB SI degradation is signal integrity degradation due to PCB effects, which include simultaneously
switching output (SSO) noise, cross-talk and inter-symbol interference (ISI) noise. The controller I/O timing
parameters as well as DMD I/O timing parameters can be easily found in their corresponding data sheets.
Similarly, PCB routing mismatch can be budgeted and met through controlled PCB routing. However, PCB SI
degradation is not so straight forward.
In an attempt to minimize the signal integrity analysis, the following PCB design guidelines are provided as a
reference of an interconnect system that satisfies both waveform quality and timing requirements (accounting for
both PCB routing mismatch and PCB SI degradation). Variation from these recommendations may also work, but
have to be confirmed with PCB signal integrity analysis or lab measurements
PDB Design:
● Configuration
Asymmetric Dual Stripline
● Etch Thickness
1.0 oz copper (1.2 mil)
● Flex Etch Thickness
0.5 oz copper (0.6 mil)
● Single Ended Signal Impedance
50 ohms (+/- 10%)
● Differential Signal Impedance
100 ohms differential (+/- 10%)
PCB Stackup:
● Reference plane 1 is assumed to be a ground plane for proper return path
● Reference plane 2 is assumed to be the I/O power plane or ground
● Dielectric FR4, (Er):
4.2 (nominal)
● Signal trace distance to reference plane 1 (H1)
5.0 mil (nominal)
● Signal trace distance to reference plane 2 (H2)
34.2 mil (nominal)
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com