Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 5 Page - Texas Instruments

  DLPC4430ZPC Datasheet HTML 1Page - Texas Instruments DLPC4430ZPC Datasheet HTML 2Page - Texas Instruments DLPC4430ZPC Datasheet HTML 3Page - Texas Instruments DLPC4430ZPC Datasheet HTML 4Page - Texas Instruments DLPC4430ZPC Datasheet HTML 5Page - Texas Instruments DLPC4430ZPC Datasheet HTML 6Page - Texas Instruments DLPC4430ZPC Datasheet HTML 7Page - Texas Instruments DLPC4430ZPC Datasheet HTML 8Page - Texas Instruments DLPC4430ZPC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Table 5-1. Pin Functions (continued)
PIN(1)
I/O(2)
DESCRIPTION
NAME
NO.
P_CLK1
AE22
I4
Input Port Data Pixel Write Clock (selectable as rising or falling edge triggered, and which port it is associated with (A
or B or (A and B))). This signal includes an internal pull-down.
P_CLK2
W25
I4
Input Port Data Pixel Write Clock (selectable as rising or falling edge triggered, and which port it is associated with (A
or B or (A and B))). This signal includes an internal pull-down.
P_CLK3
AF23
I4
Input Port Data Pixel Write Clock (selectable as rising or falling edge triggered, and which port it is associated with (A
or B or (A and B))). This signal includes an internal pull-down.
P_DATAEN1
AF22
I4
Active High Data Enable. Selectable as to which port it is associated with (A or B or (A and B)).This signal includes
an internal pull-down.
P_DATAEN2
W24
I4
Active High Data Enable. Selectable as to which port it is associated with (A or B or (A and B)).This signal includes
an internal pull-down.
P1_A_9
AD15
I4
Port 1 A Channel Input Pixel Data (bit weight 128)
P1_A_8
AE15
I4
Port 1 A Channel Input Pixel Data (bit weight 64)
P1_A_7
AE14
I4
Port 1 A Channel Input Pixel Data (bit weight 32)
P1_A_6
AE13
I4
Port 1 A Channel Input Pixel Data (bit weight 16)
P1_A_5
AD13
I4
Port 1 A Channel Input Pixel Data (bit weight 8)
P1_A_4
AC13
I4
Port 1 A Channel Input Pixel Data (bit weight 4)
P1_A_3
AF14
I4
Port 1 A Channel Input Pixel Data (bit weight 2)
P1_A_2
AF13
I4
Port 1 A Channel Input Pixel Data (bit weight 1)
P1_A_1
AF12
I4
Port 1 A Channel Input Pixel Data (bit weight 0.5)
P1_A_0
AE12
I4
Port 1 A Channel Input Pixel Data (bit weight 0.25)
P1_B_9
AF18
I4
Port 1 B Channel Input Pixel Data (bit weight 128)
P1_B_8
AB18
I4
Port 1 B Channel Input Pixel Data (bit weight 64)
P1_B_7
AC15
I4
Port 1 B Channel Input Pixel Data (bit weight 32)
P1_B_6
AC16
I4
Port 1 B Channel Input Pixel Data (bit weight 16)
P1_B_5
AD16
I4
Port 1 B Channel Input Pixel Data (bit weight 8)
P1_B_4
AE16
I4
Port 1 B Channel Input Pixel Data (bit weight 4)
P1_B_3
AF16
I4
Port 1 B Channel Input Pixel Data (bit weight 2)
P1_B_2
AF15
I4
Port 1 B Channel Input Pixel Data (bit weight 1)
P1_B_1
AC14
I4
Port 1 B Channel Input Pixel Data (bit weight 0.5)
P1_B_0
AD14
I4
Port 1 B Channel Input Pixel Data (bit weight 0.25)
P1_C_9
AD20
I4
Port 1 C Channel Input Pixel Data (bit weight 128)
P1_C_8
AE20
I4
Port 1 C Channel Input Pixel Data (bit weight 64)
P1_C_7
AE21
I4
Port 1 C Channel Input Pixel Data (bit weight 32)
P1_C_6
AF21
I4
Port 1 C Channel Input Pixel Data (bit weight 16)
P1_C_5
AD19
I4
Port 1 C Channel Input Pixel Data (bit weight 8)
P1_C_4
AE19
I4
Port 1 C Channel Input Pixel Data (bit weight 4)
P1_C_3
AF19
I4
Port 1 C Channel Input Pixel Data (bit weight 2)
P1_C_2
AF20
I4
Port 1 C Channel Input Pixel Data (bit weight 1)
P1_C_1
AC19
I4
Port 1 C Channel Input Pixel Data (bit weight 0.5)
P1_C_0
AE19
I4
Port 1 C Channel Input Pixel Data (bit weight 0.25)
P1_VSYNC
AC20
B2
Port 1 Vertical Sync. This signal includes an internal pull-down. While intended to be associated with Port 1, it can be
programmed for use with Port 2.
P1_HSYNC
AD21
B2
Port 1 Horizontal Sync. This signal includes an internal pull-down. While intended to be associated with Port 1, it can
be programmed for use with Port 2.
P2_A_9
AD26
I4
Port 2 A Channel Input Pixel Data (bit weight 128)
P2_A_8
AD25
I4
Port 2 A Channel Input Pixel Data (bit weight 64)
P2_A_7
AB21
I4
Port 2 A Channel Input Pixel Data (bit weight 32)
P2_A_6
AC22
I4
Port 2 A Channel Input Pixel Data (bit weight 16)
P2_A_5
AD23
I4
Port 1 A Channel Input Pixel Data (bit weight 8)
P2_A_4
AB20
I4
Port 2 A Channel Input Pixel Data (bit weight 4)
P2_A_3
AC21
I4
Port 2 A Channel Input Pixel Data (bit weight 2)
P2_A_2
AD22
I4
Port 2 A Channel Input Pixel Data (bit weight 1)
P2_A_1
AE23
I4
Port 2 A Channel Input Pixel Data (bit weight 0.5)
P2_A_0
AB19
I4
Port 2 A Channel Input Pixel Data (bit weight 0.25)
P2_B_9
Y22
I4
Port 2 B Channel Input Pixel Data (bit weight 128)
P2_B_8
AB26
I4
Port 2 B Channel Input Pixel Data (bit weight 64)
P2_B_7
AA23
I4
Port 2 B Channel Input Pixel Data (bit weight 32)
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com