Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 14Page - Texas Instruments DLPC4430ZPC Datasheet HTML 15Page - Texas Instruments DLPC4430ZPC Datasheet HTML 16Page - Texas Instruments DLPC4430ZPC Datasheet HTML 17Page - Texas Instruments DLPC4430ZPC Datasheet HTML 18Page - Texas Instruments DLPC4430ZPC Datasheet HTML 19Page - Texas Instruments DLPC4430ZPC Datasheet HTML 20Page - Texas Instruments DLPC4430ZPC Datasheet HTML 21Page - Texas Instruments DLPC4430ZPC Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
6.6 System Oscillators Timing Requirements
over operating free-air temperature range(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
SYSTEM OSCILLATORS
fclock
Clock frequency, MOSC(1)
19.998
20.002
MHz
tc
Cycle time, MOSC(1)
49.995
50.005
MHz
tw(H)
Pulse duration(2), MOSC, high
50% to 50% reference points
(signal)
20
ns
tw(L)
Pulse duration(2), MOSC, low
50% to 50% reference points
(signal)
20
ns
tt
Transition time(2), MOSC, tt = tf /tr
20% to 80% reference points
(signal)
12
ns
tjp
Period Jitter(2), MOSC (This is the deviation
in period from the ideal period due solely to
high frequency jitter).
18
ps
(1)
The frequency range for MOSC is 20 MHz with +/-100 PPM accuracy (it includes impact to accuracy due to aging, temperature and
trim sensitivity). The MOSC input cannot support spread spectrum clock spreading.
(2)
Applies only when driven via an external digital oscillator.
6.7 Test and Reset Timing Requirements
MIN
MAX
UNIT
tW1(L)
Pulse duration, inactive low, PWRGOOD
50% to 50% reference points
(signal)
4.0
µs
tW1(L)
Pulse duration, inactive low, PWRGOOD
50% to 50% reference points
(signal)
1000(2)
ms
tt1
Transition time, PWRGOOD, tt1= tf/tr
20% to 80% reference points
(signal)
625
µs
tW2(L)
Pulse duration, inactive low, POSENSE
50% to 50% reference points
(signal)
500
µs
tW2(L)
Pulse duration, inactive low, POSENSE
50% to 50% reference points
(signal)
1000(2)
ms
tt2
Transition time, POSENSE, tt1= tf/tr
20% to 80% reference points
(signal)
25(1)
µs
tPH
Power Hold time, POSENSE remains active after
PWRGOOD is de-asserted
20% to 80% reference points
(signal)
500
µs
tEW
Early Warning time, PWRGOOD goes inactive low prior to
any power supply voltage going below its specification
500
µs
tW1(L)
+tW2(L)
The sum of PWRGOOD and POSENSE inactive time
1050(2)
ms
(1)
As long as noise on this signal is below the hysteresis threshold.
(2)
With 1.8 V power applied. If the 1.8 V power is disabled by the controller command (For example – if system is placed in Low Power
mode where the controller disables 1.8 V power), these signals can be placed and remain in their inactive state indefinitely.
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com