Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 1 Page - Texas Instruments

  DLPC4430ZPC Datasheet HTML 1Page - Texas Instruments DLPC4430ZPC Datasheet HTML 2Page - Texas Instruments DLPC4430ZPC Datasheet HTML 3Page - Texas Instruments DLPC4430ZPC Datasheet HTML 4Page - Texas Instruments DLPC4430ZPC Datasheet HTML 5Page - Texas Instruments DLPC4430ZPC Datasheet HTML 6Page - Texas Instruments DLPC4430ZPC Datasheet HTML 7Page - Texas Instruments DLPC4430ZPC Datasheet HTML 8Page - Texas Instruments DLPC4430ZPC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
DLPC4430 DLP® Display Controller
1 Features
• Single DLP controller support for up to WUXGA
resolution display using digital micromirror devices
(DMDs):
– Up to 1920x1200 at 120Hz (2D and 3D)
• Provides single 30-bit or dual 60-bit input pixel
interface:
– RGB data format
– 8, 9 or 10 bits per Color
– Pixel clock up to 320 MHz in dual 30-bit mode
on single controller
• High-speed, low voltage differential signaling
(LVDS) DMD interface
• 150 MHz ARM946™ microprocessor
• Microprocessor peripherals
– Programmable pulse-width modulation (PWM)
and capture timers
– Three I2C ports, Three UART ports and three
SSP ports
– One USB 1.1 secondary port
• Image processing
– Multiple image processing algorithms
– Frame rate conversion
– Color coordinate adjustment
– Programmable color space conversion
– Programmable degamma and splash
– Integrated support for 3-D display
– 2-D keystone correction
• Integrated clock generation circuitry
– Operates on a single 20 MHz crystal
– Integrated spread spectrum clocking
• External memory support
– Parallel flash for microprocessor and PWM
sequence
• 516 pin plastic ball grid array package
• Supports LED, and laser hybrid illuminations
2 Applications
• Laser TV
• Smart projector
• Digital signage
• Enterprise projectors
3 Description
The DLPC4430 is a digital display controller for the
DLP display chipset. The chipset is comprised of
DLPC4430 display controller, DLP DMD, DLPA100 -
controller power management device and DLPA300 -
DMD power management device (refer to the DMD
data sheet). This solution is a great fit for display
systems that require high resolution, high brightness
and system simplicity. To ensure reliable operation,
the DLPC4430 display controller must always be used
with a DLP DMD and respective power management
devices.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
DLPC4430
ZPC (516)
27.00 mm × 27.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
DLPC4430
DLPS223 – DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPC4430ZPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC4420 TI-DLPC4420 Datasheet
1Mb / 49P
DLPC4420 DLP짰 Display Controller
DECEMBER 2021
DLPC4420ZPC TI-DLPC4420ZPC Datasheet
1Mb / 49P
DLPC4420 DLP짰 Display Controller
DECEMBER 2021
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
DLP Display Controller
DLPC4422 TI1-DLPC4422 Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC4422AZPC TI1-DLPC4422AZPC Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
More results

Similar Description - DLPC4430ZPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
DLP짰 Digital Controller for the DLP3000 DMD
DLPC3439 TI1-DLPC3439 Datasheet
2Mb / 63P
Display Controller
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
Display Controller
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
Display Controller
logo
Epson Company
S1D13513 EPSON-S1D13513 Datasheet
116Kb / 2P
Display Controller
logo
Texas Instruments
DLPC1438 TI-DLPC1438_V01 Datasheet
2Mb / 60P
DLPC1438 Digital Controller for TI DLP짰 3D Printers
REVISED AUGUST 2021
DLPC4420 TI-DLPC4420 Datasheet
1Mb / 49P
DLPC4420 DLP짰 Display Controller
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com