Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 31Page - Texas Instruments DLPC4430ZPC Datasheet HTML 32Page - Texas Instruments DLPC4430ZPC Datasheet HTML 33Page - Texas Instruments DLPC4430ZPC Datasheet HTML 34Page - Texas Instruments DLPC4430ZPC Datasheet HTML 35Page - Texas Instruments DLPC4430ZPC Datasheet HTML 36Page - Texas Instruments DLPC4430ZPC Datasheet HTML 37Page - Texas Instruments DLPC4430ZPC Datasheet HTML 38Page - Texas Instruments DLPC4430ZPC Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
voltage for detecting the loss of power, as well as the reaction time to respond to a low voltage condition is not
critical for POSENSE as PWRGOOD is used for this purpose. As such, PWRGOOD has critical requirements in
these areas.
9.4 System Environment and Defaults
9.4.1 DLPC4430 System Power-Up and Reset Default Conditions
Following system power-up, the DLPC4430 controller performs a power-up initialization routine that defaults the
device to a normal power mode, in which ARM9-related clocks are enabled at their full rate and associated
resets are released. Most other clocks default to disabled state with associated resets asserted until released
by the processor. In addition, the default for system power gating enables all power. These same defaults are
also applied as part of all system reset events (Watch Dog timer timeout etc.) that occur without removing or
cycling power, with the possible exception of power for the LVDS I/O and internal DRAM. For an extended reset
condition, the OEM is expected to place the controller in Low Power mode prior to reset, in which case the 1.8V
power for the LVDS I/O and internal DRAM are disabled. When this reset is released, the 1.8V power does not
get enabled until the ARM9 has been initialized and is executing the system initialization routines.
Following power-up or system reset initialization, the ARM9 boots from an external flash memory after which it
enables the 1.8V power (from the DLPA100), enables the rest of the controller clocks, and initializes the internal
DRAM. Once system initialization is complete the Application software determines if and when to enter low
power mode.
9.4.2 1.15V System Power
The DLPC4430 controller can support a low cost power delivery system with a single 1.15V power source
derived from a switching regulator. To enable this approach, appropriate filtering must be provided for the 1.1V
power pins of the PLLs.
9.4.3 1.8V System Power
It is recommended that the DLPC4430 controller power delivery system provides two independent 1.8V power
sources. One of the 1.8V power sources is used to supply 1.8V power to the controller LVDS I/O and internal
DRAM. Power for these functions is fed from a common source which is recommended to be a linear regulator.
The second 1.8V power source is used (along with appropriate filtering as discussed in the PCB layout
guidelines for internal ASIC PLL power section of this document) to supply all of the DLPC4430 controller
internal PLLs. In order to keep this power as clean as possible, a dedicated linear regulator for the 1.8V power to
the PLLs is recommended.
9.4.4 3.3V System Power
The DLPC4430 controller can support a low cost power delivery system with a single 3.3V power source derived
from a switching regulator. This 3.3V source supplies power to all LVTTL I/O and the Crystal Oscillator cell. The
3.3V power must remain active in all power modes for which 1.1V core power is applied.
9.4.5 Power Good (PWRGOOD) Support
The PWRGOOD signal is defined as an early warning signal that alerts the DLPC4430 controller a specified
amount of time before the DC supply voltages drop below specifications, which allows the controller to park the
DMD and to place the system into reset, ensuring the integrity of future operation. For practical reasons, it is
recommended that the monitor sensing PWRGOOD be on the input side of supply regulators.
9.4.6 5V Tolerant Support
With the exception of USB_DAT, the DLPC4430 controller does not support any other 5V tolerant I/Os. However,
note that source signals ALF_HSYNC, ALF_VSYNC and I2C typically have 5V requirements and special
measures must be taken to support them. Also, 5V to 3.3V level shifter is recommended.
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com