Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 30Page - Texas Instruments DLPC4430ZPC Datasheet HTML 31Page - Texas Instruments DLPC4430ZPC Datasheet HTML 32Page - Texas Instruments DLPC4430ZPC Datasheet HTML 33Page - Texas Instruments DLPC4430ZPC Datasheet HTML 34Page - Texas Instruments DLPC4430ZPC Datasheet HTML 35Page - Texas Instruments DLPC4430ZPC Datasheet HTML 36Page - Texas Instruments DLPC4430ZPC Datasheet HTML 37Page - Texas Instruments DLPC4430ZPC Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
9 Power Supply Recommendations
9.1 System Power Regulations
It is strongly recommended that the VDD18_PLLD, VDD18_PLLM1, and VDD18_PLLM2 power feeding internal
PLLs be derived from an isolated linear regulator in order to minimize the AC Noise component. The
VDD11_PLLD, VDD11_PLLM1, VDD11_PLLM2, and VDD11_PLLS can be derived from the same regulator
as the core VDD11, but they have to be filtered.
9.2 System Power-Up Sequence
Although the DLPC4430 controller requires an array of power supply voltages (1.15V, 1.8V, 3.3V), there
are no restrictions regarding the relative order of power supply sequencing for both power-up and power-
down scenarios. Similarly, there is no minimum time between powering-up or powering-down the different
supplies feeding the DLP controller. However, note that it is not uncommon for there to be power sequencing
requirements for the devices that share the supplies with the DLP controller.
• 1.15V core power is applied whenever any I/O power is applied to ensures the state of the associated I/O
that are powered are controlled to a known state. Thus, it is recommended to apply core power first. Other
supplies are applied only after the 1.1V core has ramped up.
• All DLPC4430 device power must be applied before POSENSE is asserted to ensure proper power-up
initialization.
Typically the DLPC4430 controller power-up sequencing is handled by external hardware. An external power
monitor will hold the controller in system reset during power-up (i.e. POSENSE = 0). During this time all DLP
controller I/Os are tri-stated. The primary PLL (PLLM1) is released from reset upon the low to high transition of
POSENSE but the controller keeps the rest of the device in reset for an additional 60 ms to allow the PLL to lock
and stabilize its outputs. After this 60 ms delay the ARM-9 related internal resets are de-asserted causing the
microprocessor to begin its boot-up routine.
Figure 9-1. System Power-Up Sequence
9.3 Power-On Sense (POSENSE) Support
In order to set up the power monitor to trip within the DLPC4430 controller minimum supply voltage
specifications, it is recommended that the external power monitor generating POSENSE targets its threshold
to 90% of the minimum supply voltage specifications and ensures that POSENSE remains low a sufficient
amount of time for all supply voltages to reach minimum device requirements and stabilize. Note that the trip
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com