Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430ZPC Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 12Page - Texas Instruments DLPC4430ZPC Datasheet HTML 13Page - Texas Instruments DLPC4430ZPC Datasheet HTML 14Page - Texas Instruments DLPC4430ZPC Datasheet HTML 15Page - Texas Instruments DLPC4430ZPC Datasheet HTML 16Page - Texas Instruments DLPC4430ZPC Datasheet HTML 17Page - Texas Instruments DLPC4430ZPC Datasheet HTML 18Page - Texas Instruments DLPC4430ZPC Datasheet HTML 19Page - Texas Instruments DLPC4430ZPC Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
over recommended operating conditions
PARAMETER
TEST
CONDITIONS
MIN TYP
MAX UNIT
VIL
Low-level input
voltage
USB (9)
0.8
V
OSC (10)
0.8
3.3V LVTTL (1,2,3,4)
0.8
3.3V I2C (8)
-0.5
1.0
VDIS
Differential Input
Voltage
USB(9)
200
mV
VICM
Differential Cross
Point Voltage
USB(9)
0.8
2.5
V
VHYS
Hysteresis (VT+-
VT-)
USB(9)
200
mV
3.3V LVTTL (1,2,3,4)
400
3.3V I2C (8)
300 550
600
VOH
High-level output
voltage
USB (9)
2.8
V
1.8V LVDS (7)
1.520
3.3V LVTTL (1,2,3)
IOH = Max
Rated
2.7
VOL
Low-level output
voltage
USB (9)
0.0
0.3
V
1.8V LVDS (7)
0.880
3.3V LVTTL (1,2,3)
IOL = Max
Rated
0.4
3.3V I2C (8)
IOL = 3mA sink
0.4
VOD
Output Differential
Voltage
1.8V LVDS (7)
0.065
0.440
V
IIH
High-level input
current
USB(9)
200
µA
OSC (10)
-10.0
10
3.3V LVTTL (1-4) without Internal
Pull Down
VIH = VDD33
-10.0
10
3.3V LVTTL (1-4) with Internal Pull
Down
VIH = VDD33
10.0
200.0
3.3V I2C (8)
VIH = VDD33
10.0
IIL
Low-level input
current
USB(9)
-10.0
10.0
µA
OSC (10)
-10.0
10.0
3.3V LVTTL (1-4) without Internal
Pull Down
VOH = VDD33
-10.0
10.0
3.3V LVTTL (1-4) with Internal Pull
Down
VOH = VDD33
-10.0
-200
3.3V I2C (8)
VOH = VDD33
-10.0
IOH
High-level output
current
USB(9)
-18.4
mA
1.8V LVDS (7) (VOD = 300mV)
VO = 1.4V
6.5
3.3V LVTTL (1)
VO = 2.4V
-4.0
3.3V LVTTL (2)
VO = 2.4V
-8.0
3.3V LVTTL (3)
VO = 2.4V
-12.0
IOL
Low-level output
current
USB(9)
19.1
mA
1.8V LVDS (7) (VOD = 300mV)
VO = 1.0V
6.5
3.3V LVTTL (1)
VO = 0.4V
4.0
3.3V LVTTL (2)
VO = 0.4V
8.0
3.3V LVTTL (3)
VO = 0.4V
12.0
3.3V I2C (8)
3.0
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com