Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4099-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 24 of 34
LARGE RESISTOR GAIN OPERATION
The ADA4099-1 and ADA4099-2 have approximately 12 pF of input
capacitance.
The parallel combination of the feedback resistor (RF) and gain set-
ting resistor (RG) on the inverting input can combine with this input
capacitance (CIN) to form a pole that can reduce bandwidth, cause
frequency response peaking, or produce oscillations (see Figure
61). To mitigate these consequences, place a feedback capacitor
with a value of CF > CIN(RG/RF) in parallel with RF for summing
node impedances >1 kΩ (RF||RG>1 kΩ). This capacitor placement
cancels the input pole and optimizes dynamic performance (see
Figure 60).
For applications where the noise gain is unity (RG→∞), and the
feedback resistor exceeds 1 kΩ, CF ≥ CIN. Optimize PCB layouts
to keep layout related summing node capacitance to an absolute
minimum.
Figure 60. Inverting Gain Schematic
Figure 61. Inverting Gain of 1, Small Signal Frequency Response, RF = RG =
10 kΩ
RECOMMENDED VALUES FOR VARIOUS
GAINS
Table 9 is a reference for determining various recommended gains
and associated noise performance. The total impedance seen at
the inverting input is kept to <1 kΩ for gains >1 to maintain ideal
small signal bandwidth.
Table 9. Gains and Associated Recommended Resistor Values (TA = 25°C)
Gain RG (kΩ)
RF (kΩ)
CF (pF)
Approximate −3 dB Frequency (MHz)
Total System Noise (nV/√Hz at 1 kHz), Referred to Input
+1
Not applicable
0
Not applicable
8
6.8
+2
1
1
0
4
7.2
+2
10
10
8.2
2.7
11
+5
1
4.02
0
1.5
7.4
−1
10
10
8.2
2.1
22
−1
1
1
0
4.8
14.4
−2
1
2
0
2.9
11.3
−5
1
4.99
0
1.4
9.2
−10
1
10
0
0.75
8.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com