Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4099-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
THEORY OF OPERATION
analog.com
Rev. A | 22 of 34
This RIN resistance appears across the summing nodes in Over-
The-Top operation due to the configuration of the common base
input stage.
The RIN value is derived from the specified IB that flows to the op
amp inputs, as expressed in the following equation:
RIN = 2kT/(qIB)
where:
k is Boltzmann’s constant.
T is the operating temperature.
q is the charge of an electron.
IB is the operating input bias current in Over-The-Top operation.
The inputs are biased proportional to absolute temperature. There-
fore, RIN is relatively constant with temperature. This resistance
appears across the summing nodes of the amplifiers, which is
forced to 0 V differentially by the feedback action of the amplifi-
ers and can seem relatively harmless. However, depending on
the configuration, this input resistance can boost the noise gain,
lower overall amplifier loop gain and closed-loop bandwidth, and
raise output noise. The singular benefit of this configuration is an
increase in closed-loop amplifier stability.
In normal mode (−VS < VCM < +VS −1.5 V), RIN is typically large
compared to the value of the gain setting resistors (RF and RI), and
RIN can be ignored.
In this case, the noise gain is defined by the following equation:
Noise Gain = 1 + RF/RI
When the amplifiers transition to Over-The-Top operation with the
input common-mode biased near or above the +VS supply, consider
the value of RIN.
The noise gain of the amplifiers increases as shown in the following
equation:
NoiseGainOTT = 1+ RF
RI RIN+RI RF
×
1+ RI RFRIN
where Noise GainOTT is the Over-The-Top noise gain.
The dc closed-loop gain remains mostly unaffected (RF/RI). Howev-
er, the loop gain of the amplifiers decreases, as expressed in the
following equation:
AOL1+RFRIto AOL
NoiseGainOTT
Likewise, the closed-loop bandwidth (BWCLOSED_LOOP) of the am-
plifiers changes, going from normal operation to Over-The-Top
operation.
In normal operation,
BWCLOSED_LOOP ≈
GBP
1+ RFRI
In Over-The-Top operation,
BWCLOSED_LOOP ≈
GBP
NoiseGainOTT
Output voltage noise density (eno) is impacted when the device
transitions from normal operation to Over-The-Top operation. Resis-
tor noise is neglected in both modes of operation in the following
equations:
In normal operation, neglecting resistor noise,
eno ≅ en1+ RFRI
where en is input referred voltage noise density.
In Over-The-Top operation, neglecting resistor noise,
eno ≅ en×NoiseGainOTT
OUTPUT
The output of the ADA4099-1 and ADA4099-2 can swing rail-to-rail
to within 45 mV of either supply with no load. The output can source
and sink ~30 mA. The amplifiers are internally compensated to
drive at least 100 pF of load capacitance (CL). Adding a series
resistance of 50 Ω between the output and larger capacitive loads
extends the capacitive drive capability of the amplifiers.
If the ADA4099-1 and ADA4099-2 enter shutdown, the VOUT pin
appears as high impedance with two steering diodes connected to
either supply. In this state, the output typically leaks <5 nA.
SHUTDOWN PINS
The ADA4099-1 and ADA4099-2 have dedicated shutdown pins
(SHDN for the ADA4099-1, and SHDN1 and SHDN2 for the
ADA4099-2 10-lead LFCSP) to place the amplifiers in a very low
power shutdown state when asserted high. A logic high is defined
by a voltage ≥1.5 V applied to SHDN and SHDNx with respect to
the −VS pin. In shutdown, the amplifiers draw <15 μA of supply
current (see Figure 59) and the VOUT pin is placed in a high
impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com