Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4099-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 29Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 30Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 31Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 32Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 33Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
OUTLINE DIMENSIONS
©2021-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 34 of 34
Updated: January 07, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option Marking Code
ADA4099-1BUJZ-R5
-40°C to +125°C
6-Lead TSOT
UJ-6
Y7P
ADA4099-1BUJZ-RL7
-40°C to +125°C
6-Lead TSOT
UJ-6
Y7P
ADA4099-1HUJZ-RL7
-55°C to +150°C
6-Lead TSOT
UJ-6
Y7Q
ADA4099-2BCPZ
-40°C to +125°C
10-Lead LFCSP (3mm x 3mm w/ EP)
05-08-1699
A44
ADA4099-2BCPZ-RL7
-40°C to +125°C
10-Lead LFCSP (3mm x 3mm w/ EP)
05-08-1699
A44
ADA4099-2BRMZ
-40°C to +125°C
8-Lead MSOP
RM-8
A44
ADA4099-2BRMZ-RL7
-40°C to +125°C
8-Lead MSOP
RM-8
A44
ADA4099-2BRZ
-40°C to +125°C
8-Lead SOIC_N
R-8
ADA4099-2BRZ-RL7
-40°C to +125°C
8-Lead SOIC_N
R-8
ADA4099-2HCPZ
-55°C to +150°C
10-Lead LFCSP (3mm x 3mm w/ EP)
05-08-1699
A45
ADA4099-2HCPZ-RL7
-55°C to +150°C
10-Lead LFCSP (3mm x 3mm w/ EP)
05-08-1699
A45
ADA4099-2HRZ
-55°C to +150°C
8-Lead SOIC_N
R-8
ADA4099-2HRZ-RL7
-55°C to +150°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
EVAL-ADA4099-1HUJZ
Evaluation Board, Single TSOT
EVAL-ADA4099-2BCPZ
Evaluation Board, Dual LFCSP
1 Z = RoHS Compliant Part
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com