Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4099-1BUJZ-R5 Datasheet HTML 4Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 8 of 34
Table 3.
Parameter
Rating
Supply Voltage1
Transient
60 V
Continuous
50 V
Power Dissipation (PD)
See Figure 3
Differential Input Voltage
±80 V
±IN Pin Voltage
Continuous
−5 V to +80 V
Survival
−10 V to +80 V
±IN Pin Current
20 mA
SHDN and SHDNx Voltage2
−0.3 V to +60 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature (TJ)
175°C
1 Maximum supply voltage is limited by the TDDB of on-chip capacitor oxides.
The amplifiers tolerate temporary transient overshoot up to the specified
transient maximum rating. The continuous operating supply voltage must be
limited to no more than 50 V.
2 SHDN is Pin 5 on the ADA4099-1. SHDNx refers to SHDN1 and SHDN2 (Pin 5
and Pin 6, respectively) on the ADA4099-2 10-lead LFCSP).
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rating
only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Junction temperatures (TJ) exceeding 125°C promote accelerated
aging. The ADA4099-1 and ADA4099-2 demonstrates ±25 V supply
operation beyond 1400 hours at TA = 140°C.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation (PD) on the device is limited
by the associated rise in either case temperature (TC) or TJ on
the die. At approximately TC = 150°C, which is the glass transition
temperature, the properties of the plastic changes. Exceeding this
temperature limit, even temporarily, may change the stresses that
the package exerts on the die, which permanently shifts the para-
metric performance of the ADA4099-1 and ADA4099-2. Exceeding
TJ = 175°C for an extended period may result in changes in the
silicon devices and may cause failure of the device.
The PD on the package is the sum of the quiescent power dissipa-
tion and the power dissipated in the package due to the output load
drive. The quiescent power is expressed in the following equation:
VSY × ISY
where ISY is the quiescent current.
The PD due to the load drive depends on the application. The PD
due to load drive is calculated by multiplying the load current by
the associated voltage drop across the device. RMS voltages and
currents must be used in these calculations.
Airflow increases heat dissipation, effectively reducing θJA. Addi-
tional metal that is directly in contact with the package leads from
metal traces through vias, ground, and power planes reduces θJA.
Figure 3 shows the maximum PD vs. TA for the single and dual
6-lead TSOT packages on a JEDEC standard, 4‑layer board, with
−VS connected to a pad that is thermally connected to a printed
circuit board (PCB) plane. θJA values are approximations.
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
θJA is the junction to ambient thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
Unit
UJ-6
192
°C/W
R-8
120
°C/W
RM-8
163
°C/W
05-08-1699
43
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com