Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 1 Page - Analog Devices

  ADA4099-1BUJZ-R5 Datasheet HTML 1Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 2Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 3Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 4Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawide common-mode range: −VS − 0.1 V to −VS + 70 V
►
Wide power supply voltage range: (VSY): +3.15 V to +50 V (±25
V for PSRR)
►
Low supply current: 1.5 mA per channel (typical)
►
Low input offset voltage: ±40 µV maximum
►
Low input offset voltage drift: ±0.4 μV/°C maximum
►
Low voltage noise:
►
1/f noise corner: 6 Hz typical
►
150 nV p-p typical at 0.1 Hz to 10 Hz
►
7 nV/√Hz typical at 100 Hz (en)
►
High speed
►
GBP: 8 MHz typical
►
Slew rate: 5.5 V/µs typical at ΔVOUT = 25 V
►
Low power shutdown: 20 µA maximum
►
Low input bias current: ±10 nA maximum
►
Large signal voltage gain: 120 dB minimum
►
CMRR: 118 dB, minimum
►
PSRR: 123 dB, minimum
►
Input overdrive tolerant with no phase reversal
►
±2 kV HBM and ±1.25 kV FICDM
►
Wide temperature range: −55°C to +150°C (H grade)
APPLICATIONS
►
Industrial sensor conditioning
►
Supply current sensing
►
Battery and power supply monitoring
►
Front-end amplifiers in abusive environments
►
4 mA to 20 mA transmitters
GENERAL DESCRIPTION
The ADA4099-1 and ADA4099-2 are single/dual robust, precision,
rail-to-rail input/output operational amplifiers (op amps) with inputs
that operate from −VS to +VS and beyond, which is referred to
in this data sheet as Over-The-Top™. The devices feature offset
voltages of <40 µV, input bias currents (IB) of <10 nA, and can
operate on single or split supplies that range from 3.15 V to 50 V.
The ADA4099-1 and ADA4099-2 draws 1.5 mA of quiescent current
per channel.
The ADA4099-1 and ADA4099-2 Over-The-Top input stages have
robust input protection features for abusive environments. The
inputs can tolerate up to 80 V of differential voltage without damage
or degradation to dc accuracy. The operating input common-mode
range extends from rail-to-rail and beyond, up to 70 V > –VS,
independent of the +VS supply.
The ADA4099-1 and ADA4099-2 are unity-gain stable and can
drive loads requiring up to 20 mA per channel. The device can
also drive capacitive loads as large as 100 pF. The amplifiers are
available with low power shutdown.
The ADA4099-1 is available in a standard, 6-lead, thin small outline
transistor (TSOT) package. The ADA4099-2 is available in an 8-
lead, standard small outline package (SOIC_N), 8-lead, mini small
outline package (MSOP), and a 10-lead, lead frame chip scale
package (LFCSP).
TYPICAL APPLICATION CIRCUIT
Figure 1. 1 V/A Over-The-Top Current Sense Application (ADA4099-1 6-lead
TSOT)
Figure 2. Output Error vs. Load Current


Similar Part No. - ADA4099-1BUJZ-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4099-2BCHIPS AD-ADA4099-2BCHIPS Datasheet
212Kb / 8P
50 V, 8 MHz, 1.65 mA per Channel, Robust, Over-The-Top, Precision Op Amp
Rev. 0
ADA4099-2BCHIPS-PT AD-ADA4099-2BCHIPS-PT Datasheet
212Kb / 8P
50 V, 8 MHz, 1.65 mA per Channel, Robust, Over-The-Top, Precision Op Amp
Rev. 0
ADA4099-2BCHIPS-WP AD-ADA4099-2BCHIPS-WP Datasheet
212Kb / 8P
50 V, 8 MHz, 1.65 mA per Channel, Robust, Over-The-Top, Precision Op Amp
Rev. 0
More results

Similar Description - ADA4099-1BUJZ-R5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651_11 Datasheet
1Mb / 56P
50 MHz, 6 mA Op Amps with mCal
2011
logo
Linear Technology
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
ADA4098-1 AD-ADA4098-1 Datasheet
1Mb / 33P
50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
ADA4097-1 AD-ADA4097-1_V01 Datasheet
1Mb / 31P
50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
ADA4099-2BCHIPS AD-ADA4099-2BCHIPS Datasheet
212Kb / 8P
50 V, 8 MHz, 1.65 mA per Channel, Robust, Over-The-Top, Precision Op Amp
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com