Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4099-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 29Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 26 of 34
in an inverting configuration, with the input common-mode biased at
midsupply.
POWER DISSIPATION AND THERMAL
SHUTDOWN
The ADA4099-1 and ADA4099-2 can drive heavy loads on power
supplies up to ±25 V. Therefore, ensure that TJ on the integrated
circuit does not exceed 175°C.
Junction temperatures exceeding 125°C promote accelerated ag-
ing. Reliability of the ADA4099-1 and ADA4099-2 may be impaired
if the junction temperature exceeds 175°C. If the junction tempera-
ture exceeds 175°C, the ADA4099-1 and ADA4099-2 have a final
safety measure in the form of a thermal shutdown that shuts off the
output stage and reduces the internal device currents. When this
thermal shutdown function triggers, the output remains disabled in
a high impedance state until the junction temperature drops 20°C.
Persistent heavy loads and elevated ambient temperatures can
cause the ADA4099-1 and ADA4099-2 to oscillate in and out of
thermal shutdown depending on the power dissipated on the die,
until the heavy load is removed (see Figure 64).
Figure 64. ADA4099-1 and ADA4099-2 Cycling In and Out of Thermal
Shutdown
It is not recommended to operate near the maximum junction
temperature.
Typically, TJ can be estimated from TA and the device power
dissipation (PD × θJA), as shown in the following equation:
TJ = TA + PD × θJA
The power dissipation in the IC varies as a function of supply
voltage, the output voltage, and load resistance. For a given supply
voltage, the worst case power dissipation (PD(MAX)) in the IC occurs
when the supply current is maximum, and the output voltage is at
half of either supply voltage.
PD(MAX) = VsIs(MAX)+ VSY2RL2
For a given supply voltage, use Figure 65 as a guide for estimating
the minimum load resistance that the ADA4099-1 and ADA4099-2
can drive for a given supply voltage and a given rise in junction
temperature (ΔTJ). For example, to limit ΔTJ to 50°C, the load
driven on the ±15 V supplies (+30 V total supply) must not be lower
than 1.2 kΩ. It is assumed that θJA is 192°C/W.
Figure 65. Minimum Load Resistance for Given ΔTJ and VSY
CIRCUIT LAYOUT CONSIDERATIONS
Careful and deliberate attention to detail when laying out the
ADA4099-1 and ADA4099-2 boards yields optimal performance.
Power supply bypassing, parasitic capacitance, and component
selection all contribute to the overall performance of the amplifiers.
POWER SUPPLY BYPASSING
On single supplies, solder the −VS supply pin directly to a low
impedance ground plane. Bypass the +VS pin to a low impedance
ground plane with a low effective series resistance (ESR) multilayer
ceramic capacitor (MLCC) of 0.1 µF, typically, as close to the ±VS
supply pins as possible. When driving heavy loads, add 10 µF of
supply capacitance. When using split supplies, these conditions are
applicable to the −VS supply pin.
The ADA4099-1 and ADA4099-2 have an internal current source
of ~0.6 μA on the SHDN (ADA4099-1) and SHDNx (ADA4099-2
10-lead LFCSP) pins to pull the pins down to −VS and place the
amplifiers in the default amplifying state. If the shutdown state is
not required, hard tie SHDN or SHDNx to the −VS pin. If SHDN or
SHDNx is left floating or driven by a source with significant source
impedance (>100 Ω), bypass the −VS supply pin with a small,
1 nF capacitor to prevent stray signals from coupling on SHDN or
SHDNx, which can inadvertently trigger shutdown.
GROUNDING
Use ground and power planes where possible to reduce the re-
sistance and inductance of the supply and ground returns. Place
bypass capacitors as close as possible to the ±VS supply pins, with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com