Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4099-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 29Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 30Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 27 of 34
the other ends connected to the ground plane. It is recommended
to use a bypass capacitor of at least 0.1 µF when driving light
loads (load currents < 100 µA), and more capacitance when driving
heavier loads. Routing from the output to the load and return to the
ground plane must have minimal loop area to keep inductance to a
minimum.
ESD PROTECTION WHEN POWERED
ICs react to ESD strikes differently when unpowered vs. powered,
which falls under IEC-61000-4-2 standards (see the Absolute Max-
imum Ratings section). A device that performs well under HBM
conditions can perform poorly under International Electrotechnical
Commission (IEC) conditions. The ADA4099-1 and ADA4099-2
are thoroughly abused with ESD strikes under IEC conditions
to create a front-end circuit protection scheme that protects the
devices if subjected to ESD strikes. Figure 66 and Figure 67 show
two different protection schemes that extend the protection of the
ADA4099-1 and ADA4099-2 to ±8 kV ESD strikes.
Consider the following when selecting components:
►
A component size of 0805 or larger to reduce chance of arc-over.
►
Pulse withstanding, thick film resistors.
►
C0G MLCC with a minimum rating of 100 V.
►
Bidirectional, transient voltage suppression (TVS) diodes.
In the circuit shown in Figure 66, R1 is a 220 Ω, Panasonic, 0805,
ERJ-P6 series, and C1 is a 100 pF, Yageo, 0805, 100 V, C0G/NPO.
Figure 66. ESD Protection Circuit (RC Network)
In the circuit shown in Figure 67, R1 is a 220 Ω, Panasonic, 0805,
ERJ-P6 series, and D1 is a Bourns CDSOD323-T36SC. An ESD
varistor can be considered for D1.
For more information on system level ESD considerations, see the
technical article, When Good Electrons Go Bad: How to Protect
Your Analog Front End, on the Analog Devices, Inc., website.
RELATED PRODUCTS
Table 10 describes several alternative precision amplifiers that can
also be considered for certain applications.
Figure 67. ESD Protection Circuit (R-TVS Network)
Table 10. ADA4099-1 and ADA4099-2 Related Products
Model
VOS (μV)
IB (nA)
GBP (kHz)
en (nV/√Hz)
ISY (μA)
Input Common-Mode Range (V)
ADA4099-1
25
10
8000
7
1500
−VS to −VS + 70
ADA4099-2
25
10
8000
7
1500
−VS to −VS + 70
ADA4077-1
35
1
3900
7
500
−VS to +VS
LT6015
50
5
3200
18
335
−VS to −VS + 76
LT6014
60
0.4
1600
9.5
165
−VS to +VS
LT1494
375
1
2.7
185
1.5
−VS to −VS + 36
LT1490A
500
8
180
50
55
−VS to −VS + 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com