Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-1BUJZ-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4099-1BUJZ-R5
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-1BUJZ-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4099-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4099-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
THEORY OF OPERATION
analog.com
Rev. A | 20 of 34
The ADA4099-1 and ADA4099-2 are single/dual robust, voltage
feedback amplifiers that combine unity-gain stability with low offset,
low offset drift, and 7 nV/√Hz of input noise. Figure 55 shows a
simplified schematic of the device. The ADA4099-1 and ADA4099-2
have two input stages: a common emitter differential input stage
consisting of the Q1 and Q2 PNP transistors that operate with the
inputs biased between −VS and 1.5 V below +VS, and a common
base input stage that consists of the Q3 to Q6 PNP transistors
that operate when the common-mode input is biased >+VS − 1.5
V. These input stages result in two distinct operating regions, as
shown in Figure 53.
Figure 53. Input Bias Current vs. Input Common-Mode Voltage over
Temperature, VSY = 5 V
For common-mode input voltages that are approximately 1.5 V
below the +VS supply, where Q1 and Q2 are active (see Figure
53), the common emitter PNP input stage is active and the input
bias current is typically <4 nA. When the common-mode input is
above +VS − 1.5 V, the Q9 transistor turns on, which diverts bias
current away from the common emitter differential input pair to the
mirror that consists of M3 and M4. The current from M4 biases the
common base differential input pair (Q3 to Q6). The Over-The-Top
input pair operates in a common base configuration and the input
bias current increases to ~82.5 µA. The offset voltages of both input
stages are tightly trimmed and are specified in Table 1 and Table 2.
As the input common-mode transitions to the Over-The-Top region,
the input CMRR degrades slightly when compared to the rest of the
input common-mode range, as shown in Figure 54.
Figure 54. Offset Voltage vs. Input Common-Mode Voltage over Temperature,
VSY = 5 V
Figure 55. Simplified ADA4099-1 and ADA4099-2 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com