Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 6 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 6 Page - ams AG

Back Button AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG AS1310 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-11] 2015-Jan-28
AS1310 − Electrical Characteristics
Note(s) and/or Footnote(s):
1. The regulator is in startup mode until this voltage is reached. Caution: Do not apply full load current until the device output > 1.75V.
2. LBO goes low in startup mode as well as during normal operation if:
- The voltage at the LBI pin is below LBI threshold.
- The voltage at the LBI pin is below 0.1V and VOUT is below 92.5% of its nominal value.
Switches
RON
NMOS
VOUT = 3V
0.35
Ω
PMOS
0.5
Ω
NMOS maximum On-time
3.6
4.2
4.8
μs
IPEAK
Peak Current Limit
320
400
480
mA
Zero Crossing Current
5
20
35
mA
Enable, Reference
VENH
EN Input Voltage High
0.7
V
VENL
EN Input Voltage Low
0.1
V
IEN
EN Input Bias Current
EN = 3.6V, TAMB = +25°C
100
nA
IREF
REF Input Bias Current
REF = 0.99xVOUTNOM,
TAMB = +25°C
100
nA
Low Battery & Power-OK
VLBI
LBI Threshold
Falling Edge
0.57
0.6
0.63
V
LBI Hysteresis
25
mV
ILBI
LBI Leakage Current
LBI = 3.6V, TAMB = +25°C
100
nA
VLBO
LBO Voltage Low (2)
ILBO = 1mA
20
100
mV
ILBO
LBO Leakage Current
LBO = 3.6V, TAMB = +25°C
100
nA
Power-OK Threshold
LBI = 0V, Falling Edge
90
92.5
95
%
Thermal Protection
Thermal Shutdown
10°C Hysteresis
150
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com