Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 5 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 5 Page - ams AG

  AS1310 Datasheet HTML 1Page - ams AG AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ams Datasheet
Page 5
[v1-11] 2015-Jan-28
Document Feedback
AS1310 − Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max
values are guaranteed by production tests or SQC (Statistical
Quality Control) methods.
VIN = 1.5V, C1 = C2 = 22μF, CREF = 100nF, Typical values are at
TAMB = +25ºC (unless otherwise specified). All limits are
guaranteed. The parameters with min and max values are
guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Figure 6:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature
Range
-40
+85
°C
Input
VIN
Input Voltage Range
0.7
3.6
V
Minimum Startup Voltage
ILOAD = 1mA, TAMB = +25°C
0.7
0.8
V
Regulation
VOUT
Output Voltage Range
1.8
3.3
V
Output Voltage Tolerance
ILOAD = 10 mA, TAMB = +25°C
-2
+2
%
ILOAD = 10mA
-3
+3
%
VOUT Lockout Threshold
(1)
Rising Edge
1.55
1.65
1.75
V
Operating Current
IQ
Quiescent Current VIN
VOUT = 1.02xVOUTNOM,
REF = 0.99xVOUTNOM,
TAMB = +25°C
100
nA
Quiescent Current VOUT
VOUT = 1.02xVON, REF =
0.99xVON,
No load, TAMB = +25°C
0.8
1
1.2
μA
ISHDN
Shutdown Current
TAMB = +25ºC
100
nA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com