Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 19 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 19 Page - ams AG

Back Button AS1310 Datasheet HTML 15Page - ams AG AS1310 Datasheet HTML 16Page - ams AG AS1310 Datasheet HTML 17Page - ams AG AS1310 Datasheet HTML 18Page - ams AG AS1310 Datasheet HTML 19Page - ams AG AS1310 Datasheet HTML 20Page - ams AG AS1310 Datasheet HTML 21Page - ams AG AS1310 Datasheet HTML 22Page - ams AG AS1310 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ams Datasheet
Page 19
[v1-11] 2015-Jan-28
Document Feedback
AS1310 − Application Information
Power-OK and Low-Battery-Detect Functionality
LBO goes low in startup mode as well as during normal
operation if:
• The voltage at the LBI pin is below LBI threshold (0.6V).
This can be used to monitor the battery voltage.
• LBI pin is connected to GND and VOUT is below 92.5% of
its nominal value. LBO works as a power-OK signal in this
case.
The LBI pin can be connected to a resistive-divider to monitor
a particular definable voltage and compare it with a 0.6V
internal reference. If LBI is connected to GND an internal
resistive-divider is activated and connected to the output.
Therefore, the Power-OK functionality can be realized with no
additional external components.
The Power-OK feature is not active during shutdown and
provides a power-ON-reset function that can operate down to
VIN = 0.7V. A capacitor to GND may be added to generate a
power-ON-reset delay. To obtain a logic-level output, connect
a pull-up resistor R3 from pin LBO to pin VOUT. Larger values for
this resistor will help to minimize current consumption; a 100k
Ω
resistor is perfect for most applications (see Figure 20).
For the circuit shown in the left of Figure 19, the input bias
current into LBI is very low, permitting large-value
resistor-divider networks while maintaining accuracy. Place the
resistor-divider network as close to the device as possible. Use
a defined resistor for R2 and then calculate R1 as:
Where: VLBI is 0.6V ±30mV
(EQ18)
R
1
R
2
V
IN
V
LBI
------------
1
–
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com