Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 3 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 3 Page - ams AG

  AS1310 Datasheet HTML 1Page - ams AG AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ams Datasheet
Page 3
[v1-11] 2015-Jan-28
Document Feedback
AS1310 − Pin Assignment
Figure 3:
Pin Diagram (Top View)
Figure 4:
Pin Description
Pin Number
Pin Name
Description
1LBI
Low Battery Comparator Input. 0.6V Threshold. May not be left floating. If
connected to GND, LBO is working as Power Output OK.
2GND
Ground
3LX
External Inductor Connector
4
VOUT
Output Voltage. Decouple VOUT with a ceramic capacitor as close as
possible to VOUT and GND.
5REF
Reference Pin. Connect a 100nF ceramic capacitor to this pin.
6LBO
Low Battery Comparator Output. Open-drain output.
7EN
Enable Pin. Logic controlled shutdown input.
1 = Normal operation;
0 = Shutdown; shutdown current <100nA.
8
VIN
Battery Voltage Input. Decouple VIN with a 22μF ceramic capacitor as
close as possible to VIN and GND.
9NC
Exposed Pad. This pad is not connected internally. Can be left floating or
connect to GND to achieve an optimal thermal performance.
Pin Assignment
AS1310
1
2
4
3
8
7
5
6
LBI
GND
VOUT
LX
VIN
EN
REF
LBO
Exposed pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com