Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 18 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 18 Page - ams AG

Back Button AS1310 Datasheet HTML 14Page - ams AG AS1310 Datasheet HTML 15Page - ams AG AS1310 Datasheet HTML 16Page - ams AG AS1310 Datasheet HTML 17Page - ams AG AS1310 Datasheet HTML 18Page - ams AG AS1310 Datasheet HTML 19Page - ams AG AS1310 Datasheet HTML 20Page - ams AG AS1310 Datasheet HTML 21Page - ams AG AS1310 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-11] 2015-Jan-28
AS1310 − Application Information
The AS1310 is available with fixed output voltages from 1.8V to
3.3V in 50mV steps.
Figure 18:
AS1310 Block Diagram
AS1310 Features
Shutdown. The part is in shutdown mode while the voltage at
pin EN is below 0.1V and is active when the voltage is higher
than 0.7V.
Note(s): EN can be driven above VIN or VOUT, as long as it is
limited to less than 3.6V.
Output Disconnect and Inrush Limiting. During shutdown
VOUT is going to 0V and no current from the input source is
running through the device. This is true as long as the input
voltage is higher than the output voltage.
Feedthrough Mode. If the input voltage is higher than the
output voltage the supply voltage is connected to the load
through the device. To guarantee a proper function of the
AS1310 it is not allowed that the supply exceeds the maximum
allowed input voltage (3.6V).
In this feedthrough mode the quiescent current is 35μA (typ.).
The device goes back into step-up mode when the oputput
voltage is 4% (typ.) below VOUTNOM.
Application Information
VIN 0.7V to 3.6V
Driver &
Control
Logic
Imax
Detection
Zero
Crossing
Detector
Startup
Circuitry
+
-
+
-
VREF
CIN
22μF
GND
REF
CREF
100nF
LX
L1 6.8μF
LBI
VIN
VOUT 1.8V to 3.3V
VOUT
LBO
R3
COUT
22μF
+
-
AS1310
ON
OFF
EN
0.6V
92.5% VREF
100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com