Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 1 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 1 Page - ams AG

  AS1310 Datasheet HTML 1Page - ams AG AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ams Datasheet
Page 1
[v1-11] 2015-Jan-28
Document Feedback
AS1310
Ultra Low Quiescent Current,
Hysteretic DC-DC Step-Up Converter
The AS1310 is an ultra low quiescent current hysteretic step-up
DC-DC converter optimized for light loads (60mA), where it
achieves efficiencies of up to 92%.
AS1310 operates from a 0.7V to 3.6V supply and supports
output voltages between 1.8V and 3.3V. Besides the available
AS1310 standard variants any variant with output voltages in
50mV steps are available.
If the input voltage exceeds the output voltage the device is in
a feed-through mode and the input is directly connected to the
output voltage.
In light load operation, the device enters a sleep mode when
most of the internal operating blocks are turned OFF in order
to save power. This mode is active approximately 50μs after a
current pulse provided that the output is in regulation.
In order to save power the AS1310 features a shutdown mode,
where it draws less than 100nA. During shutdown mode the
battery is disconnected from the output.
The AS1310 also offers adjustable low battery detection. If the
battery voltage decreases below the threshold defined by two
external resistors on pin LBI, the LBO output is pulled to logic
low.
The AS1310 is available in a TDFN (2x2) 8-pin package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1310, Ultra Low Quiescent
Current, Hysteretic DC-DC Step-Up Converter are listed below:
Figure 1:
Added Value of Using AS1310
Benefits
Features
Ideal for single Li-Ion battery powered
applications
• Wide Input Voltage Range (0.7V to 3,6V)
• Feed through mode when VIN > VOUT
Extended battery life
• High Efficiency up to 92%
• Low Quiescent Current of typ. 1uA
• Low Shutdown Current of less than 100nA
Supports a variety of end applications
• Fixed output voltage range (1.8V to 3.3V)
• Output Disconnect in shutdown
• Output current: 60mA @ VIN=0.9V, VOUT=1.8V
General Description


Similar Part No. - AS1310

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-20 AMSCO-AS1310-BTDT-20 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results

Similar Description - AS1310

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com