Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 16 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 16 Page - ams AG

Back Button AS1310 Datasheet HTML 12Page - ams AG AS1310 Datasheet HTML 13Page - ams AG AS1310 Datasheet HTML 14Page - ams AG AS1310 Datasheet HTML 15Page - ams AG AS1310 Datasheet HTML 16Page - ams AG AS1310 Datasheet HTML 17Page - ams AG AS1310 Datasheet HTML 18Page - ams AG AS1310 Datasheet HTML 19Page - ams AG AS1310 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-11] 2015-Jan-28
AS1310 − Detailed Description
PREGION_B =
Total power delivered to the load is the sum of EQ 8 and EQ 9:
From EQ 3 (using nominal values) peak current is given by:
Substituting EQ 11 into EQ 10 and re-arranging:
0.9T incorporates a wait time TWAIT = 10% T
Output power in terms of regulated output voltage and load
resistance is:
Combining EQ 12 and EQ 13:
Symbol
η reflects total energy loss between input and output
and is approximately 0.8 for these calculations. Use EQ 14 to
plot duty cycle (TON/T) changes for various output loadings and
changes to VIN.
Input Capacitor Selection
The input capacitor supports the triangular current during the
ON-time of the power switch, and maintains a broadly constant
input voltage during this time. The capacitance value is
obtained from choosing a ripple voltage during the ON-time of
the power switch. Additionally, ripple voltage is generated by
the equivalent series resistance (ESR) of the capacitor. For worst
case, use maximum peak current values from the datasheet.
Using TON = 1μs, and IPEAK = 480mA, and VRIPPLE = 50mV, EQ 15
yields:
CIN = 9.6μF
Nearest preferred would be 10μF.
(EQ9)
0.5L I
PK
()
2
T
---------------------------
(EQ10)
P
TOTAL
V
IN
I
PK
2
--------
T
OFF
T
-------------
0.5L I
PK
()
2
T
---------------------------
+
=
(EQ11)
I
PK
T
ONVIN
L
---------------------
=
(EQ12)
P
TOTAL
V
2
INTON
2TL
----------------------- 0.9T
()
=
(EQ13)
P
OUT
V
2
OUT
R
LOAD
------------------
=
(EQ14)
V
2
OUT
R
LOAD
------------------
V
2
INTON
2TL
----------------------- 0.9T
()η
=
(EQ15)
C
IN
I
PEAKTON
V
RIPPLE
--------------------------
=
(EQ16)
ESR
PK
ESR
RIPPLE
PK
R
I
V
=
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com