Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 22 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 22 Page - ams AG

Back Button AS1310 Datasheet HTML 18Page - ams AG AS1310 Datasheet HTML 19Page - ams AG AS1310 Datasheet HTML 20Page - ams AG AS1310 Datasheet HTML 21Page - ams AG AS1310 Datasheet HTML 22Page - ams AG AS1310 Datasheet HTML 23Page - ams AG AS1310 Datasheet HTML 24Page - ams AG AS1310 Datasheet HTML 25Page - ams AG AS1310 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-11] 2015-Jan-28
AS1310 − Application Information
Component Selection
Only four components are required to complete the design of
the step-up converter. The low peak currents of the AS1310
allow the use of low value, low profile inductors and tiny
external ceramic capacitors.
Inductor Selection
For best efficiency, choose an inductor with high frequency core
material, such as ferrite, to reduce core losses. The inductor
should have low DCR (DC resistance) to reduce the I²R losses,
and must be able to handle the peak inductor current without
saturating. A 6.8μH inductor with a >500mA current rating and
<500m
Ω DCR is recommended.
Figure 22:
Recommended Inductors
Part Number
L
DCR
Current
Rating
Dimensions
(L/W/T)
Manufacturer
XPL2010-682M
6.8μH
421m
Ω
0.62A
2.0x1.9x1.0 mm
Coilcraft
www.coilcraft.com
EPL2014-682M
6.8μH
287m
Ω
0.59A
2.0x2.0x1.4 mm
LPS3015-682M
6.8μH
300m
Ω
0.86A
3.0x3.0x1.5 mm
LPS3314-682M
6.8μH
240m
Ω
0.9A
3.3x3.3x1.3 mm
LPS4018-682M
6.8μH
150m
Ω
1.3A
3.9x3.9x1.7 mm
XPL7030-682M
6.8μH
59m
Ω
9.4A
7.0x7.0x3.0 mm
LQH32CN6R8M53L
6.8μH
250m
Ω
0.54A
3.2x2.5x1.55 mm
Murata
www.murata.com
LQH3NPN6R8NJ0L
6.8μH
210m
Ω
0.7A
3.0x3.0x1.1 mm
LQH44PN6R8MJ0L
6.8μH
143m
Ω
0.72A
4.0x4.0x1.1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com