Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 6 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 6 Page - ams AG

Back Button AS89010 Datasheet HTML 2Page - ams AG AS89010 Datasheet HTML 3Page - ams AG AS89010 Datasheet HTML 4Page - ams AG AS89010 Datasheet HTML 5Page - ams AG AS89010 Datasheet HTML 6Page - ams AG AS89010 Datasheet HTML 7Page - ams AG AS89010 Datasheet HTML 8Page - ams AG AS89010 Datasheet HTML 9Page - ams AG AS89010 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 5 of 41
AS89010
V3.11
2 ELECTRICAL CHARACTERISTICS
2.1 Absolute Maximum Ratings
Violations of absolute maximum conditions are not allowed under any circumstances; otherwise the IC can
be destroyed.
All voltages are referenced to VSSA = VSS = 0 V.
Table 1: Maximum conditions
PARAMETER
NAME
MIN
MAX
UNIT
Power Supply (analog)
VDDA
-0.5
5.0
V
Input and Output Voltages (analog)
VIOA
-0.5
VDDA+0.5
V
Power Supply (digital)
VDD
-0.5
5.0
V
Input and Output Voltages (digital)
VIOD
-0.5
VDD+0.5
V
Supply Voltage Difference3 VDDD-VDDA
DIFF_VDD
0.3
V
Ambient Temperature
TOP
-40
125
°C
Storage Temperature
TSTG
-55
150
°C
Weight
m
0.076
g
2.2 Recommended Operating Conditions
Table 2: Operational conditions; VSSA=VSS=0 V
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION
Supply Voltage
VDDA
VDD
2.7
3.3
3.6
V
|VDDA-VDD|
< 0.3 V
External Resistor4
REXT
3.3
MΩ
±1%
Temperature Coefficient of REXT
TCREXT
505
ppm/K
Operating Temperature
TAMB
-40
125
°C
Pull Up Resistance at SCL, SDA
RI2C
1.86
4.7
kΩ
Load Capacity at SDA
CL
200
pF
Input High Level
VIH
0.7
VDD
3 For the Digital Supply Voltage VDD it is not allowed to use a voltage above VDDA+0.3 V. This condition must be also complied during
the ramp-up phase of the supply voltages.
4 The resistor directly influences the generating of the reference current for the signal conversion. Therefore, the temperature coefficient
of resistance has an important role. The smaller the temperature coefficient and the resistor value tolerance (1% better than 5%, etc.)
result the more accurate the result of the converting.
5 The smaller the better - the result depend on the sum of all TKs of the full sensor system (photo diode, REXT, converter, …)
6 Lower resistance on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com