Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 23 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 23 Page - ams AG

Back Button AS89010 Datasheet HTML 19Page - ams AG AS89010 Datasheet HTML 20Page - ams AG AS89010 Datasheet HTML 21Page - ams AG AS89010 Datasheet HTML 22Page - ams AG AS89010 Datasheet HTML 23Page - ams AG AS89010 Datasheet HTML 24Page - ams AG AS89010 Datasheet HTML 25Page - ams AG AS89010 Datasheet HTML 26Page - ams AG AS89010 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 22 of 41
AS89010
V3.11
CREGL
NAME
VALUE [b]
AFFECTED CONFIGURATION
01122
1.28 µA
1.28 pA
1XX
5.12 µA
5.12 pA
Integration Time (internal fCLK=1.024 MHz)
TINT (ms)
number of clock counts
0000
1
1024
0001
2
2048
0010
4
4096
0011
8
8192
0100
16
16384
0101
32
32768
011022
64
65536
0111
128
131072
1000
256
262144
1001
512
524288
1010
1024
1048576
1011 to 1111
1
1024
TINT = integration time = measurement time = conversion time
It has to be set by the proper assignment of the DIR bit in which direction the input current flows. The bit
R define device sensitivity, it internally sets the reference current of the A/D converters (see chapter 5.4
and Table 5 for more information).
The content of T controls the integration time duration and is a multiple of the internal clock periods. If
start and stop of measurement are externally controlled by SYND signal (SYND Mode), T is ignored.
The register CREGH generally defines the measurement modes of the device.
Table 11: CREGH register - Address 07h
CREGH
NAME
VALUE
[b]
AFFECTED CONFIGURATION
023
access to time counts for internal integration times (register OUTINT) is
disabled
1
access to time counts for internal integration times (register OUTINT) is
enabled
023
Standby disable
1
Standby enable
bit 5
VR
023
reserved (must be set to ‘0’)
00
continuous measurement mode (CONT)
0123
command measurement mode (CMD)
10
synchronous measurement start (SYNS)
23 Default after power-on-reset and state change from measurement to configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com