Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 27 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 27 Page - ams AG

Back Button AS89010 Datasheet HTML 23Page - ams AG AS89010 Datasheet HTML 24Page - ams AG AS89010 Datasheet HTML 25Page - ams AG AS89010 Datasheet HTML 26Page - ams AG AS89010 Datasheet HTML 27Page - ams AG AS89010 Datasheet HTML 28Page - ams AG AS89010 Datasheet HTML 29Page - ams AG AS89010 Datasheet HTML 30Page - ams AG AS89010 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 26 of 41
AS89010
V3.11
For SYND mode please also address first result register (address 0) and then read 11 bytes. Take care, the
internal counter is only 20 bit. Another way to get the Value of OUTINT is to read this with an address for
each result. Because all output registers are 16 bit, the MSB part of OUTINT is located at address 5. Then
this codes examples will work:
ulOutint=((ULONG)(usaMeasure[5]&0x00ff))<<16;
ulOutint=(ULONG)usaMeasure[4];
6.4 I²C Interface
The two wire serial interface is compatible to the fast mode I²C protocol28 and
timing. The AS89010 can only operate as slave with slave address 11101A1A0,
with the two lower bits defined by the input pins A1, A0. For more details refer to
chapter 5.6. The I²C interface timing diagram is shown in Figure 1, timing
specification in Table 2.
28 In cases of strong interferences (long I²C cables, EMC or others) errors in I²C communication could be possible. In these cases we
suggest to use PCB EMC-protection e.g. an external I²C repeater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com