Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 30 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 30 Page - ams AG

Back Button AS89010 Datasheet HTML 26Page - ams AG AS89010 Datasheet HTML 27Page - ams AG AS89010 Datasheet HTML 28Page - ams AG AS89010 Datasheet HTML 29Page - ams AG AS89010 Datasheet HTML 30Page - ams AG AS89010 Datasheet HTML 31Page - ams AG AS89010 Datasheet HTML 32Page - ams AG AS89010 Datasheet HTML 33Page - ams AG AS89010 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 29 of 41
AS89010
V3.11
Figure 18: recommend soldering profile
Do not to exceed the recommended values. For further information see JEDEC J-STD-020D.1.
Time 25 °C To Peak
tS
Time →
TL
TP
25
Tsmin
Tsmax
tL
Preheat Area
Max. Ramp Up Rate = 3 °C/s
Max. Ramp Down Rate = 6 °C/s
tP
TC –5 °C
Supplier tP
Supplier TP ≥ TC
User tP
User TP ≤ TC
TC
TC –5 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com