Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 10 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 10 Page - ams AG

Back Button AS89010 Datasheet HTML 6Page - ams AG AS89010 Datasheet HTML 7Page - ams AG AS89010 Datasheet HTML 8Page - ams AG AS89010 Datasheet HTML 9Page - ams AG AS89010 Datasheet HTML 10Page - ams AG AS89010 Datasheet HTML 11Page - ams AG AS89010 Datasheet HTML 12Page - ams AG AS89010 Datasheet HTML 13Page - ams AG AS89010 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 9 of 41
AS89010
V3.11
5 DESCRIPTION OF FUNCTION
The AS89010 performs current to digital conversion by four parallel A/D converters. The sensitivity, start
and stop of conversion are user defined and should be adapted to the application of interest. Upon the end
of each conversion, the digital equivalents of the input currents are stored in the output register (OUT0 to
OUT3). Pin READY stays at low logic level all the time during the conversion. Rising edge and following high
logic level of READY signalizes the end of conversion.
5.1 Measurement Modes
There are four available modes how the measurement can be performed. According to the assignment of
register CREGH:MODE (Table 11) one of four possible measurements can be performed by the device.
However, it is always recommended regardless of the mode, to transfer no data via I²C during the
measurement process. It is suggested to use the measurement-free time cycles for data transfer via I²C.
5.1.1 Continuous Measurement Mode (CONT Mode)
The A/D conversion will be performed sequentially. The first conversion starts with setting the SS bit in
OSR register. If the Standby was active, the device deactivates it and initializes the continuous
measurement. Measurement can only be stopped by resetting the SS bit. The conversion time (integration
time TINT) is determined by the full-scale of the register CREGL:T (T). The rising edge of READY signalizes
the end of each conversion. It is recommended to read output data during the break time between two
consequent conversions in order to not disturb the integration operation. This break time can be configured
in 4 µs steps up to 1,021 µs (see Table 13). The break time should be configured long enough to prevent
overlapping of data fetch activity with the measurement. For further details see also Figure 21.
Figure 3: CONT Mode timing with short break time
data
fetch
idle or
standby
data
fetch
data
fetch
data
fetch
idle or
standby
conversion
conversion
conversion
READY
OUT0..OUT3
TINT
STATE
I²C
activity
break time
start (SS
←’1')
end (SS
←’0')
Figure 4: CONT Mode timing with long enough break time between subsequent conversions
start (SS
←’1')
data
fetch
data
fetch
conversion
conversion
READY
OUT0..OUT3
TINT
STATE
I²C
activity
break time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com