Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 26 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 26 Page - ams AG

Back Button AS89010 Datasheet HTML 22Page - ams AG AS89010 Datasheet HTML 23Page - ams AG AS89010 Datasheet HTML 24Page - ams AG AS89010 Datasheet HTML 25Page - ams AG AS89010 Datasheet HTML 26Page - ams AG AS89010 Datasheet HTML 27Page - ams AG AS89010 Datasheet HTML 28Page - ams AG AS89010 Datasheet HTML 29Page - ams AG AS89010 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 25 of 41
AS89010
V3.11
6.2.5 Register – EDGES
This register takes effect only in SYND measurement mode. It defines a number of falling edges at SYN
input at the end of the integration. Value of ‘0’ cannot be written and will be ignored. The default value is
01h.
Table 14: EDGES - Address 0Ah
EDGES
NAME
VALUE [dec]
AFFECTED CONFIGURATION
bit 7 to 0
EDGES
1 - 255
number of SYN falling edges
6.3 Output Register Bank
The results of the conversion are stored into four 16 bit registers, addressing is shown in the Table 15.
Register OUT0 to OUT3 store the conversion results and can be read at any time. During the SYND
measurement mode the externally controlled conversion time can be internally measured in time units of
the system clock (see chapter 5.5). This time measurement is enabled by setting the ENTM bit of CREGH
register (Table 11). If enabled, the result is stored into the output register OUTINT (Table 15). In the 24 bit
register OUTINT only the first 20 bits LSB are valid. This detected time value for the integration time
depends on the internal clock frequency. Because clock frequency can differ from one AS89010 to another
the value of OUTINT can be used to normalize the conversion results delivered in output registers OUT0 to
OUT3 (see chapter 5.4). Additionally, the value of OUTINT can be used to estimate the current level of
magnitude. At the end of each conversion e.g. measurement, the value of all available register will be
refreshed. If a measurement finishes during the readout cycle of the output register, then the refresh of
these new values is delayed until the read cycle is completed.
Table 15: Output register addressing space
ADDRESS
[hex]
ACCESS26
NAME
NO. OF
BITS
DESCRIPTION
00
ro
OUT0
16
output register,
conversion result for current at IN0
01
ro
OUT1
16
output register,
conversion result for current at IN1
02
ro
OUT2
16
output register,
conversion result for current at IN2
03
ro
OUT3
16
output register,
conversion result for current at IN3
04
ro
OUTINT27
24
result of integration time measurement
(only 20 bits are valid)
The register OUTINT is only needed in the SYND mode. It measures the time of the measurement in units
of the internal clock. For all other modes this time is internally defined by the programmed value CREGL:T.
So use equation (1) with the value N_CLK from Table 5 or Table 10.
For the SYND mode use equation (3) with the OUTINT value from the result register 4 to calculate the input
current. Only with CREGL:ENTM=1 gives valid results. This means CREGH:ENTM=0 will produce wrong data
here. Other modes than SYND also gives wrong values. Unfortunately there are some values there in this
cases. For the Reading of the results I suggest to address the first result register (OUT0 @ internal address
0) and then to read 8 bytes with the auto increment of the internal address.
26 ro – Read-only
27 This register is only valid if the integration time measurement has been chosen (ENTM=1b), but in SYND Mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com