Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 2 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 2 Page - ams AG

  AS89010 Datasheet HTML 1Page - ams AG AS89010 Datasheet HTML 2Page - ams AG AS89010 Datasheet HTML 3Page - ams AG AS89010 Datasheet HTML 4Page - ams AG AS89010 Datasheet HTML 5Page - ams AG AS89010 Datasheet HTML 6Page - ams AG AS89010 Datasheet HTML 7Page - ams AG AS89010 Datasheet HTML 8Page - ams AG AS89010 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
⚖ Production data information is current as of publication date. Products conform to specifications per the terms of ams Sensors Germany GmbH. The information
in this document is subject of change without notice, please confirm that this is the latest version. Please check with a ams Sensors Germany sales representative
for availability and further information. Full legal notices can be found on the final page.
DATASHEET
AS89010
16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
SSOP16
Order No.: 305030004
Status: preliminary
FEATURES
▪
Conversion of 4 sensor signals of photodiodes
(e.g. RGB/XYZ color plus one blank channel for
compensation of parasitic currents or tempera-
ture conversion) or other sensors with current
signal output
▪
Configurable conversion gain and integration
time supports a very high dynamic range of
1 – 2.68E+08
▪
Up to 16 bit (internal 20 bit) signal resolution
by achievable sensitivity up to 20 fA/LSB –
scaling (by a divider) the internal 20 bit on
16 bit output
▪
Adjustable operation modes like continuous, by
command and externally synchronized (by
given start and start/end signal) measurement
▪
Option: external control of integration time and
reference current (gain)
▪
High linearity of amplifying, no cross talking
▪
High absolute accuracy without additional
sources
▪
High reliability internal reference source gener-
ation
▪
Consideration of negative offset
▪
Measurement of current for both polarities
▪
Measurement of integration time
▪
Supply and temperature independent response
▪
Insensitive to 50 Hz/60 Hz external disturb-
ances
▪
16 Bit/400 kHz fast I²C interface with pro-
grammable slave addresses
▪
Very low current consumption in active, in
Power down and Standby mode
▪
Supply voltage 2.7 V to 3.6 V
▪
Temperature range -40°C to 125°C
▪
Deliverable in SMD package and as bare die
APPLICATIONS
▪
Precise conversion of average e.g. integral
photo current for optical sensors and arrays
(e.g. UV, VIS, IR) and other sensors with cur-
rent output
▪
In combination with ams Sensors Germany’s
color sensors: measurement of lights – chro-
maticity coordinates (XYZ CIE 1931, DIN 5033
and similar) or color temperatures to control
and process displays and backlights (e.g. LED,
CCFL)
▪
In combination with ams Sensors Germany’s
color and spectral sensors: measurement of re-
flective and/or transmitted light – chromaticity
coordinates (XYZ CIE1931, DIN5033 and simi-
lar) measurement of objects and surfaces for
analyzes, quality management, sorting, etc.
MARKET SEGMENTS
▪
Lighting SSL, Photometry
▪
Chemical and biochemical analyses
▪
Industrial process control
▪
Medical and environment instrumentation
▪
Industrial/commercial lighting
▪
Infotainment (backlights and video walls) and
monitors
▪
High quality consumer displays and tablets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com