Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 17 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 17 Page - ams AG

Back Button AS89010 Datasheet HTML 13Page - ams AG AS89010 Datasheet HTML 14Page - ams AG AS89010 Datasheet HTML 15Page - ams AG AS89010 Datasheet HTML 16Page - ams AG AS89010 Datasheet HTML 17Page - ams AG AS89010 Datasheet HTML 18Page - ams AG AS89010 Datasheet HTML 19Page - ams AG AS89010 Datasheet HTML 20Page - ams AG AS89010 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 16 of 41
AS89010
V3.11
5.5 Conversion Time Measurement
In case of SYND measurement mode the conversion time is fully controlled by the external signal at pin
SYN. The relative deviation of this time to the internal clock frequency15 can produce some deviations in
the conversion output. However, this time can be internally measured in time units of system clock
(typically 1024 MHz) up to 20 bit word. It gives the opportunity to calculate more precisely measured input
currents. That could increase the accuracy for the converter.
Even further, the measured result can be compensated for any deviation which can occur in the clock
frequency due to temperature or supply voltage variations.
The time measurement can be enabled by setting the ENTM bit of register CREGH (Table 11). The result is
stored into the output register OUTINT (Table 15) after a conversion has been made, synchronous with the
storing of the A/D conversion data. The stored value follows the relation:
CLK
f
TINT
OUTINT
(8)
The register OUTINT is only valid if this mode has been activated.
5.6 I²C Communication
The two wire serial interface is compatible to the fast mode I²C protocol and timing16. The SDA wire carries
the data while the SCL wire synchronizes the transmitter and receiver. The device that initiates a data
transfer is called a master and the responding device is called a slave. A device that sends data to the bus
is called transmitter and a device receiving the data is called receiver.
The AS89010 can operate only as slave with unique slave address 11101‘A1 A0’ (7 address bit’s plus
read/write bit, see Figure 11), with the two lower bits defined by the input pins A1, A0. Each data transfer
begins with a start (S) condition, defined by a high to low transition of SDA while SCL is high. The transfer
terminates by a stop (P) condition, defined by a low to high transition of SDA while SCL is high. A repeated
start condition (Sr) can be generated instead of a stop condition, if the transfer should be continued with
the new data packet.
The start and repeated start condition are functionally equivalent. The data transfer consists of 8 bit long
data. Each byte has to be followed by an acknowledge bit (A) (see Figure 11). The bits arrive with the MSB
first. The acknowledge signal shall be pulled low by the receiver during the high period of the 9th clock
pulse, while transmitter releases the SDA line. When SDA stays high during this clock pulse then this is
defined as the not acknowledge signal (NA). After the not acknowledge signal, the master can either
generate a stop or repeated start condition, depends on whether the master wants to abort or start a new
transfer. The AS89010 generates a not acknowledge only in case when received data are not understood.
The data transfer is implemented as shown in Figure 11.
A master generates the start condition and sends a 7 bit long slave address followed by the 8th bit which
is a data direction bit (h). With the data direction bit set to ‘1’ a master indicates a request for data read
with a ‘0’ a transmission is indicated. A data transfer terminates by a stop condition, but the master can
also generate a repeated start condition instead of stop condition if the communication should be continued.
The sequences for a read and write data transfer are shown in Figure 12.
15 It depends on technology parameters in manufacturing. So variations and tolerances from one IC to another can occur.
16 The requirements for bus termination using standard Pull-Up’s according I²C should be considered. It concerns especially noise envi-
ronments and EMC in PCB design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com