Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 6Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 7Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 8Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 9Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 10Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 11Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 12Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 13Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 14Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
–
–
–
–
14
15
NMEA Output Messages
The following sections outline the data structures of the NMEA messages
that are supported by the module. By default, the NMEA commands are
output at 9,600bps, 8 data bits, no parity 1 start bit and 2 stop bits.
GGA – Global Positioning System Fixed Data
Figure 10 contains the values for the following example:
$GPGGA,053740.000,2503.6319,N,12136.0099,E,1,08,1.1,63.8,M,15.2,M,,0000*64
Global Positioning System Fixed Data Example
Name
Example
Units
Description
Message ID
$GPGGA
GGA protocol header
UTC Time
053740.000
hhmmss.sss
Latitude
2503.6319
ddmm.mmmm
N/S Indicator
N
N=north or S=south
Longitude
12136.0099
dddmm.mmmm
E/W Indicator
E
E=east or W=west
Position Fix Indicator
1
See Figure 11
Satellites Used
08
Range 0 to 12.
HDOP
1.1
Horizontal Dilution of Precision
MSL Altitude
63.8
meters
Units
M
meters
Geoid Separation
15.2
meters
Units
M
meters
Age of Diff. Corr.
second
Null fields when DGPS is not used
Diff. Ref. Station
0000
Checksum
*64
<CR> <LF>
End of message termination
Position Indicator Values
Value
Description
0
Fix not available or invalid
1
GPS SPS Mode, fix valid
2
Differential GPS, SPS Mode, fix valid
3–5
Not supported
6
Dead Reckoning Mode, fix valid
Figure 10: Global Positioning System Fixed Data Example
Figure 11: Position Indicator Values
GLL – Geographic Position – Latitude / Longitude
Figure 12 contains the values for the following example:
$GPGLL,2503.6319,N,12136.0099,E,053740.000,A,A*52
GSA – GPS DOP and Active Satellites
Figure 13 contains the values for the following example:
$GPGSA,A,3,24,07,17,11,28,08,20,04,,,,,2.0,1.1,1.7*35
GPS DOP and Active Satellites Example
Name
Example
Units
Description
Message ID
$GPGSA
GSA protocol header
Mode 1
A
See Figure 14
Mode 2
3
1=No fix, 2=2D, 3=3D
ID of satellite used
24
Sv on Channel 1
ID of satellite used
07
Sv on Channel 2
...
...
ID of satellite used
Sv on Channel 12
PDOP
2.0
Position Dilution of Precision
HDOP
1.1
Horizontal Dilution of Precision
VDOP
1.7
Vertical Dilution of Precision
Checksum
*35
<CR> <LF>
End of message termination
Geographic Position – Latitude / Longitude Example
Name
Example
Units
Description
Message ID
$GPGLL
GLL protocol header
Latitude
2503.6319
ddmm.mmmm
N/S Indicator
N
N=north or S=south
Longitude
12136.0099
dddmm.mmmm
E/W Indicator
E
E=east or W=west
UTC Time
053740.000
hhmmss.sss
Status
A
A=data valid or V=data not valid
Mode
A
A=autonomous, D=DGPS, N=Data
not valid
Checksum
*52
<CR> <LF>
End of message termination
Figure 12: Geographic Position – Latitude / Longitude Example
Figure 13: GPS DOP and Active Satellites Exampl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com