Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 13 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 13 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 9Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 10Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 11Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 12Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 13Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 14Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 15Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 16Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 17Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
–
–
–
–
20
21
100 – SetSerialPort
This command message is used to set the protocol (SiRF binary or NMEA)
and/or the communication parameters (baud rate). Generally, this
command is used to switch the module back to SiRF binary protocol mode
where a more extensive command message set is available. When a valid
message is received, the parameters are stored in battery-backed SRAM
and the receiver restarts using the saved parameters.
Figure 20 contains the values for the following example:
Switch to SiRF binary protocol at 9600,8,N,1
$PSRF100,0,9600,8,1,0*0C
For details on the SiRF binary protocol, please refer to SiRF’s Binary
Protocol Reference Manual.
Figure 19: Message ID Values
SetSerialPort Example
Name
Example
Description
Message ID
$PSRF100
PSRF100 protocol header
Protocol
0
0=SiRF binary, 1=NMEA
Baud
9600
4800, 9600, 19200, 38400, 57600, 115200
DataBits
8
81
StopBits
1
0, 11
Parity
0
0=None, 1=Odd, 2=Even1
Checksum
*0C
<CR> <LF>
End of message termination
1. SiRF protocol is only valid for 8 data bits, 1 stop bit and no parity.
2. Default settings are NMEA protocol using 9,600 baud, 8 data bits, 2 stop bits and no
parity.
Figure 20: SetSerialPort Example
Query
214
Get configuration and last state of all GPIOs
Query
215
Get configuration and current state of all
GPIOs
101 – NavigationInitialization
This command is used to initialize the receiver with the current position (in
X, Y, Z coordinates), clock offset, and time, enabling a faster fix. Increased
receiver sensitivity and the removal of Selective Availability (SA) have made
this unneccessary. The command is retained for its ability to reset the
module, but the initialization fields are no longer supported.
Figure 21 contains the values for the following example:
$PSRF101,-2686700,-4304200,3851624,96000,497260,921,12,3*1C
Figure 21: NavigationInitialization Example
NavigationInitialization Example
Name
Example
Units
Description
Message ID
$PSRF101
PSRF101 protocol header
ECEF X
-2686700
meters
X coordinate position
ECEF Y
-4304200
meters
Y coordinate position
ECEF Z
3851624
meters
Z coordinate position
ClkOffset
96000
Hz
Clock Offset1
TimeOfWeek
497260
seconds
GPS Time Of Week
WeekNo
921
GPS Week Number
ChannelCount
12
Range 1 to 12
ResetCfg
3
See Figure 22
Checksum
*1F
<CR> <LF>
End of message termination
1. Use 0 for the last saved value if available. If this is unavailable, a default value of
96000 is used.
ResetCfg Values
Hex
Description
0x01
Hot Start – All data valid
0x02
Warm Start – Ephemeris cleared
0x04
Cold Start – Clears all data in memory
0x08
Clear Memory – Clears all data in memory and resets the receiver
back to factory defaults
Figure 22: ResetCfg Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com