Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 11 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 11 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 7Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 8Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 9Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 10Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 11Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 12Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 13Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 14Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 15Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
–
–
–
–
16
17
GSV – GPS Satellites in View
Figure 15 contains the values for the following example:
$GPGSV,3,1,12,28,81,285,42,24,67,302,46,31,54,354,,20,51,077,46*73
$GPGSV,3,2,12,17,41,328,45,07,32,315,45,04,31,250,40,11,25,046,41*75
$GPGSV,3,3,12,08,22,214,38,27,08,190,16,19,05,092,33,23,04,127,*7B
Mode 1 Values
Value
Description
M
Manual – forced to operate in 2D or 3D mode
A
Automatic – allowed to automatically switch 2D/3D
Figure 15: GPS Satellites in View Example
GPS Satellites in View Example
Name
Example
Units
Description
Message ID
$GPGSV
GSV protocol header
Total number of
messages1
3
Range 1 to 3
Message number1
1
Range 1 to 3
Satellites in view
12
Satellite ID
28
Channel 1 (Range 01 to 196)
Elevation
81
degrees
Channel 1 (Range 00 to 90)
Azimuth
285
degrees
Channel 1 (Range 000 to 359)
SNR (C/No)
42
dB-Hz
Channel 1 (Range 00 to 99, null when
not tracking)
Satellite ID
20
Channel 4 (Range 01 to 32)
Elevation
51
degrees
Channel 4 (Range 00 to 90)
Azimuth
077
degrees
Channel 4 (Range 00 to 359)
SNR (C/No)
46
dB-Hz
Channel 4 (Range 00 to 99, null when
not tracking.
Checksum
*73
<CR> <LF>
End of message termination
1. Depending on the number of satellites tracked, multiple messages of GSV data
may be required.
Figure 14: Mode 1 Values
RMC – Recommended Minimum Specific GPS Data
Figure 16 contains the values for the following example:
$GPRMC,053740.000,A,2503.6319,N,12136.0099,E,2.69,79.65,100106,,,A*53
Recommended Minimum Specific GPS Data Example
Name
Example
Units
Description
Message ID
$GPRMC
RMC protocol header
UTC Time
053740.000
hhmmss.sss
Status
A
A=data valid or V=data not valid
Latitude
2503.6319
ddmm.mmmm
N/S Indicator
N
N=north or S=south
Longitude
12136.0099
dddmm.mmmm
E/W Indicator
E
E=east or W=west
Speed over ground
2.69
knots
TRUE
Course over ground
79.65
degrees
Date
100106
ddmmyy
Magnetic Variation
degrees
Not available, null field
Variation Sense
E=east or W=west (not shown)
Mode
A
A=autonomous, D=DGPS, N= Data
not valid
Checksum
*53
<CR> <LF>
End of message termination
Figure 16: Recommended Minimum Specific GPS Data Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com