Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-GPS-F4 Datasheet(PDF) 12 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 12 Page - Linx Technologies

Back Button MDEV-GPS-F4 Datasheet HTML 8Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 9Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 10Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 11Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 12Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 13Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 14Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 15Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 16Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
–
–
–
–
18
19
VTG – Course Over Ground and Ground Speed
Figure 17 contains the values for the following example:
$GPVTG,79.65,T,,M,2.69,N,5.0,K,A*38
Course Over Ground and Ground Speed Example
Name
Example
Units
Description
Message ID
$GPVTG
VTG protocol header
Course over ground
79.65
degrees
Measured heading
Reference
T
TRUE
Course over ground
degrees
Measured heading (N/A, null field)
Reference
M
Magnetic
Speed over ground
2.69
knots
Measured speed
Units
N
Knots
Speed over ground
5.0
km/hr
Measured speed
Units
K
Kilometer per hour
Mode
A
A=autonomous, D=DGPS, N= Data
not valid
Checksum
*38
<CR> <LF>
End of message termination
Figure 17: Course Over Ground and Ground Speed Example
NMEA Input Messages
The following outlines the serial commands input into the module for
configuration. By default, the commands are input at 9,600bps, 8 data bits,
no parity, 1 start bit and 2 stop bits.
All fields in all proprietary NMEA messages are required; none are optional.
All NMEA messages are comma delimited. Figure 19 outlines the message
identifiers supported by the module.
Serial Data Structure
Name
Example
Description
Start Sequence
$PSRF
Message ID
<MID>
Message Identifier consisting of three numeric
characters. Input messages begin at MID 100.
Payload
DATA
Message specific data.
Checksum
CKSUM
CKSUM is a two-hex character checksum as
defined in the NMEA specification, NMEA-0183
Standard for Interfacing Marine Electronic Devices.
Checksums are required on all input messages.
End Sequence
<CR> <LF>
Each message must be terminated using Carriage
Return (CR) Line Feed (LF) (\r\n, 0x0D0A) to cause
the receiver to process the input message. They
are not printable ASCII characters, so are omitted
from the examples.
Figure 18: Serial Data Structure
Message ID Values
Name
MID
Description
SetSerialPort
100
Set serial port parameters and protocol
NavigationInitialization
101
Reset the modules
Query/Rate Control
103
Query standard NMEA message and/or set
output rate
LLANavigationInitialization
104
Reset the modules
Development Data On/Off
105
Development Data messages On/Off
System Turn Off
117
Performs an orderly shut down of the module
and switches into hibernation mode
PowerManagement
200
Sets the power performance of the receiver
FirmwareVersion
201
Query the firmware version
StaticNavigation
202
Sets static navigation On/Off
SetIO
211
Sets the I/O lines to an input or output
ReadInput
212
Reads the state of the inputs lines
WriteOutput
213
Writes the state of an output line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com